Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 1 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT4321
1
4321f
For more information www.linear.com/LT4321
Typical applicaTion
FeaTures
DescripTion
PoE Ideal Diode Bridge
Controller
The LT®4321 is a dual ideal diode bridge controller that
enables a Power over Ethernet (PoE) powered device
(PD) to receive power in either voltage polarity from
RJ-45 data pairs, spare pairs, or both. The LT4321 and
eight N-channel MOSFETs replace the eight diodes in a
passive PoE rectifier bridge. The LT4321 eases thermal
design and increases delivered power.
An internal charge pump allows an all-NMOS bridge
eliminating larger and more costly PMOS switches. The
LT4321 works with 2-pair and 4-pair applications. High
impedance input sense pins prevent reverse current on
unused pairs. If the power source fails or is shorted, a
fast turn-off minimizes reverse current transients. Unlike
discrete ideal bridge solutions, the LT4321 will operate
through transients without enabling the MOSFETs on
unpowered pairs.
Powered Device for PoE (to 13W), PoE+ (to 25.5W), or Linear LTPoE++ (to 90W) Systems
applicaTions
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and LTPoE++ are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
n
Reduces Heat, Eliminates Thermal Design Problems
n
Maximizes Power Efficiency
n
Less than 800µA Quiescent Operating Current
n
Fully Compatible with IEEE 802.3 Detection and
Classification
n
IEEE 802.3 Compliant When Paired with a Powered
Device (PD) Controller
n
Works with 2-Pair and 4-Pair PoE Applications
n
Compatible with PoE, PoE+, and LTPoE++™
n
100V Absolute Maximum Voltage
n
H-Grade Version Operates Up to 125°C
n
16-Lead 4mm × 4mm QFN Package
n
PoE/PoE+/ LTPoE++ Powered Devices
n
DC Polarity Correction and Ideal Diode-ORing of
Telecom Supplies
4321 TA01
LT4321
TG36
BG12
BG36
IN36
IN45
IN78
IN12
DATA
PAIRS
1
2
3
6
4
5
8
7
SPARE
PAIRS
OUTN
EN
OUTP
VPORT
PWRGD
HSGATE
LT4275
GND
EN
TG12
BG78
TG45
TG78
BG45
HSSRC
10µF
ISOLATED
POWER
SUPPLY
GND
RUN
VOUT
VIN
0.1µF
SMAJ60A
–
+
+


Similar Part No. - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4321 LINER-LT4321 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4321 LINER-LT4321 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LT4321 LINER-LT4321 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
More results

Similar Description - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
Ideal Diode and Hot Swap Controller
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
PoE Ideal Diode Bridge & PD Forward/Flyback Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com