Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 4 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT4321
4
4321f
For more information www.linear.com/LT4321
Typical perForMance characTerisTics
Input Pin Current
EN Open Circuit Voltage
BGn Pull-Down Strength
BGn Pull-Up Strength
TG Pull-Down Strength
TG Pull-Up Strength
Total Supply Current in Shutdown
Total Supply Current in Ideal
Bridge Mode, 2-Pair
Total Supply Current in Ideal
Bridge Mode, 4-Pair
VIN (V)
0
0
10
15
20
40
25
20
40
50
4321 G01
5
30
35
10
30
60
70
80
–40°C
25°C
100°C
125°C
IN12 = IN45 = VIN
IN36 = IN78 = 0V
VIN (V)
0
0
200
300
400
700
500
20
40
50
4321 G03
100
600
10
30
60
70
80
–40°C
25°C
100°C
125°C
IN12 = IN45 = VIN
IN36 = IN78 = 0
EN = EN = 0
OUTP (V)
0
0
1.5
1.0
2.0
0.5
3.0
2.5
20
30
40
10
4321 G05
60
50
70
80
–40°C
25°C
100°C
125°C
VIN (V)
0
0
200
300
400
700
500
20
40
50
4321 G02
100
600
10
30
60
70
80
–40°C
25°C
100°C
125°C
IN12 = VIN
IN36 = 0
FLOAT IN45, IN78
EN = EN = 0
VBGn (V)
0
0
12
6
8
14
10
4
2
18
16
4
6
2
4321 G06
8
10
12
∆VTGATE (V)
0
0
2.5
1.5
2.0
1.0
0.5
3.5
3.0
6
2
4
4321 G08
8
10
OUTP = 20V
OUTP = 80V
IN45 = IN78 = FLOAT
EN = OUTP
IN12 = OUTP –250mV
IN36 = OUTN –50mV
VBGn (V)
0
0
25
15
20
10
5
35
30
4
6
2
4321 G07
8
10
12
INn (V)
0
–1.0
0.0
–0.5
1.0
0.5
20
4321 G04
40
60
80
–40°C
25°C
100°C
125°C
OUTP = 80V
∆VTGATE (V)
0
0
140
100
120
80
60
40
20
180
160
6
2
4
4321 G09
8
10
IN12 – IN36 = 20V
IN12 – IN36 = 30V
IN12 – IN36 = 80V
IN45 = IN78 = FLOAT
EN = OUTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com