Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 12 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology LT4321 Datasheet HTML 10Page - Linear Technology LT4321 Datasheet HTML 11Page - Linear Technology LT4321 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT4321
12
4321f
For more information www.linear.com/LT4321
LINEAR TECHNOLOGY CORPORATION 2013
LT 0913 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT4321
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LTC4265
IEEE 802.3at PD Interface Controller
Internal 100V, 1A Switch, 2-Event Classification Recognition
LTC4266/LTC4266A/
LTC4266C
Quad PoE PSE Controller
IEEE 802.3at, LTPoE++, IEEE 802.3af Power Levels
LTC4269-1/
LTC4269-2
IEEE 802.3af PD Interface with
Switching Regulator
LTC4269-1 for Flyback, LTC4269-2 for Forward Regulator
LTC4270/LTC4271
12-Port PoE/PoE+/LTPoE++ PSE
Controller
Transformer Isolation, Supports IEEE 802.3af, IEEE 802.3at and LTPoE++ PDs
LTC4274/LTC4274A/
LTC4274C
Single PoE PSE Controller
IEEE 802.3at, LTPoE++ 90W, IEEE 802.3af Power Levels
LT4275A/LT4275B/
LT4275C
LTPoE++/PoE+/PoE PD Controller
External Switch, LTPoE++ Support
LTC4278
IEEE 802.3af PD Interface with
Integrated Flyback Switching
Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller,
50kHz to 250kHz, 12V Aux Support
LTC4290/LTC4271
8-Port PoE/PoE+/LTPoE++ PSE
Controller
Transformer Isolation, Supports IEEE 802.3af, IEEE 802.3at and LTPoE++ PDs
LT4320
Ideal Diode Bridge Controller
9V to 72V, DC to 600Hz, N-Channel Ideal Diode Bridge
LTC4354
Negative Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 1.2µs Turn-Off, –80V Operation
LTC4355
Positive Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 0.4µs Turn-Off, 9V to 80V Operation
LTC4359
Ideal Diode Controller with Reverse
Input Protection
N-Channel, 4V to 80V, MSOP-8 and DFN-6 Packages
Typical applicaTion
LTPoE++ 70W Powered Device
4321 TA03
LT4321
TG36
BG12
PSMN075-100MSE ×4
PSMN075-100MSE ×4
WÜRTH 749022016
BG36
IN36
IN45
IN78
IN12
DATA
PAIRS
1
2
3
6
4
5
8
7
SPARE
PAIRS
OUTN
EN
OUTP
SMAJ60A
VPORT
PWRGD
AUX
IEEEUVLO
RCLASS
RCLASS++
HSGATE
PSMN040-100MSE
LT4275
GND
EN
TG12
BG78
TG45
TG78
BG45
HSSRC
ISOLATED
POWER
SUPPLY
GND
RUN
VOUT
VIN
0.1µF
22µF
–
+
76.8
64.9
+
47nF
3.3k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com