Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 3 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT4321
3
4321f
For more information www.linear.com/LT4321
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Range
|IN12-IN36|, |IN45-IN78|, OUTP
l
20
80
V
VUVLO
Undervoltage Lockout
OUTP-OUTN
l
15
17
18
V
IS(DET)
Total Supply Current in Detect Region
OUTP < 10V
l
0.8
5
µA
IS(OFF)
Total Supply Current in Shutdown
OUTP > 12V, EN < VIL and EN > VIH
l
32
60
µA
IS(ON)
Total Operating Supply Current
EN > VIH or EN < VIL, OUTP > 20V
l
0.5
0.8
mA
Top Gate Drive
INn = OUTP + ∆VSD(MAX) + 5mV, 10µA Out of
TGn (Note 3)
l
7.7
9.5
11
V
VBG
Bottom Gate Drive
10µA Out of BGn (Note 3)
l
10
11.5
13
V
Top Gate Pull-Up Current
TGn = INn (Note 3)
l
50
120
250
µA
Top Gate Pull-Down Current
INn = OUTP – 0.25V; TGn – INn = 5V
l
1.25
mA
Bottom Gate Pull-Up Current
BGn < VBG (Note 3)
l
15
30
45
µA
Bottom Gate Pull-Down Current
BGn = 5V
l
3
mA
EN Pull-Up Resistance (Active Low)
OUTP = 55V
l
160
250
310
kΩ
EN Pull-Down Resistance (Active High)
OUTP = 55V
l
160
250
310
kΩ
VIH
Digital Input High
EN, EN
l
2.6
V
VIL
Digital Input Low
EN, EN
l
0.5
V
VENOC
EN Open Circuit Voltage
OUTP = 55V
l
2
2.5
3
V
∆VSD
Topside Forward Regulation Voltage
INn - OUTP
l
2
10
18
mV
Bottom Comparator Turn-On Threshold
INn - OUTN
l
–30
–15
0
mV
Bottom Comparator Turn-Off Threshold
INn - OUTN
l
2
15
30
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, OUTP = 20V to 80V unless otherwise noted.
Note 2: Referenced with respect to OUTN unless otherwise specified.
Note 3: All conditions for external MOSFET turn on must be met. See
Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com