Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1828 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1828 Datasheet HTML 5Page - STMicroelectronics AN1828 Datasheet HTML 6Page - STMicroelectronics AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics AN1828 Datasheet HTML 10Page - STMicroelectronics AN1828 Datasheet HTML 11Page - STMicroelectronics AN1828 Datasheet HTML 12Page - STMicroelectronics AN1828 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
Figure 4. Main Routine Flowchart (Part 1 of 2)
Is ADC input
signal HIGH?
START
Set the biasing signal HIGH and provide
a delay to let the capacitor charge
No
Hardware Problem
Yes
Set the biasing signal LOW and provide
short delay to let capacitor discharge
Is ADC Input
signal LOW?
No
Yes
Set biasing Signal HIGH
Is ADC input
signal<
Threshold?
Yes
No
Make a buffer of 10 integers to store 10 consecutive values of Low_var
Low_var: A variable that counts the number of times that were needed to make
the biasing signal LOW to keep the ADC input signal at threshold level (3V in the
software).This is done in the Timer ISR.
Enable Timer (AR Timer) Interrupt
with interrupt time 52µs
Hardware
check
Stabilization
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com