Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1828 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1828 Datasheet HTML 1Page - STMicroelectronics AN1828 Datasheet HTML 2Page - STMicroelectronics AN1828 Datasheet HTML 3Page - STMicroelectronics AN1828 Datasheet HTML 4Page - STMicroelectronics AN1828 Datasheet HTML 5Page - STMicroelectronics AN1828 Datasheet HTML 6Page - STMicroelectronics AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
1.4 TRANSISTOR BIASING
1. The transistor is biased using voltage-divider biasing.
This biasing has following advantages:
a. The circuit behaviour is independent of the hfe of the transistor
b. The circuit behaviour is independent of temperature changes etc.
c. The circuit gain is controlled
2. When the PWM signal is HIGH, the voltage drop across R17 is 0.83V
(10k *5V / (50k + 10k)).
Note: R15=100K is in parallel with R13 =100K.
(100k || 100k) = 50K.
The circuit analysis shows that this condition will force the transistor to go into the saturation
region. For saturation, the Vbe >= 0.7V approx.
3. When the PWM signal is LOW, the voltage drop across R17 is 0.41
(= 9.09 k *5V / (100k + 9.09k)).
Note: R13=100K is in parallel with R17 = 10K.
100k || 10k = 9.09K
The circuit analysis shows that this condition will force the transistor to go into the cutoff re-
gion. For cutoff, the Vbe <= 0.5V
4. Thus the microcontroller biasing signal (averaged by the RC circuit) can adjust the tran-
sistor biasing. The RC network is formed by R14 and C7 in Figure 2.
1.5 TYPICAL PIR DETECTOR (CONVENTIONAL)
In conventional detectors, the IR radiation is focused by the Fresnel lens on the PIR sensor
and then the output of PIR sensor (which is very small in amplitude) is amplified by an OP-
AMP based amplifier. The OP-AMP also works as low pass filter and rejects the high fre-
quency signals (more than 10Hz typically). The output of the amplifier is connected to the
comparator which compares the signal to the threshold level. An alarm is raised/light source is
powered if the reference (threshold) voltage is crossed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com