Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1828 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics AN1828 Datasheet HTML 10Page - STMicroelectronics AN1828 Datasheet HTML 11Page - STMicroelectronics AN1828 Datasheet HTML 12Page - STMicroelectronics AN1828 Datasheet HTML 13Page - STMicroelectronics AN1828 Datasheet HTML 14Page - STMicroelectronics AN1828 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
Figure 6. Timer ISR (Interrupt Service routine) Flowchart
Does
Counter=Number
of conversions?
(e.g.1000)
Write the first level to be output on PA5 pin according to the data (ASCII)
to be transmitted at selected baud rate
IRET
Is ADC
input signal
> Threshold?
Yes
No
Make Biasing signal LOW and in-
crement low_var, to count the
number of times the signal is
made LOW
Make Biasing
signal HIGH
START
Change the level of the port pin PA5 according to the ASCII data after every
416µs (52x8=8th occurence of timer interrupt) for baud rate 2400 and
208 µs for 4800 baud rate.
Decrement counter
Counter=Number of conversions
Store low_var value in buffer
SCI
Trans-
mission
Sigma-Delta
Implementatio
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com