Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1828 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1828 Datasheet HTML 9Page - STMicroelectronics AN1828 Datasheet HTML 10Page - STMicroelectronics AN1828 Datasheet HTML 11Page - STMicroelectronics AN1828 Datasheet HTML 12Page - STMicroelectronics AN1828 Datasheet HTML 13Page - STMicroelectronics AN1828 Datasheet HTML 14Page - STMicroelectronics AN1828 Datasheet HTML 15Page - STMicroelectronics AN1828 Datasheet HTML 16Page - STMicroelectronics AN1828 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
3 APPLICATION SPECIFICATIONS
3.1 CODE SIZE
Code size = 1.2 KBytes (with SCI implementation included)
=969 Bytes (without SCI Implementation, Code size less than 1K): Superlite can be used.
3.2 SIGMA-DELTA CONVERSION TIME
This is equal to the time taken to calculate a digital value after implementing the sigma-delta
algorithm.
Conversion Time= Timer interrupt time* Number of samples
Where Timer interrupt time = 52µs.
The AR timer is configured to generate an overflow interrupt every 52µs. In the Interrupt rou-
tine the software checks the ADC value and then decides the value for biasing signal (1-bit
DAC),
Number of samples = 1000 = Number of times the status of the DAC bit is decided. A software
counter is incremented each time the DAC status made LOW. The ADC is used as a compa-
rator in the application.
Conversion Time= (52µs)x(1000) = 52ms.
3.3 POWER CONSUMPTION
Input voltage must be greater than 9V. The values shown in table are given without relay and
MAX232 cicuitry
Table 1. Current consumption
3.4 DETECTION RANGE
Without Fresnel lens: 10” approx.
Sr.No.
Power LED
Heart Beat LED
Detection LED
Current Drawn (Normal conditions)
1
OFF
OFF
OFF
13mA
2
OFF
OFF
ON
26mA
3ON
OFF
OFF
26mA
4ON
OFF
ON
39mA
5ON
ON
OFF
39mA
6ON
ON
ON
51mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com