Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2099 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2099
Description  Guidelines for connecting via JTAG protocol to the STR71x microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2099 Datasheet(HTML) 7 Page - STMicroelectronics

  AN2099 Datasheet HTML 1Page - STMicroelectronics AN2099 Datasheet HTML 2Page - STMicroelectronics AN2099 Datasheet HTML 3Page - STMicroelectronics AN2099 Datasheet HTML 4Page - STMicroelectronics AN2099 Datasheet HTML 5Page - STMicroelectronics AN2099 Datasheet HTML 6Page - STMicroelectronics AN2099 Datasheet HTML 7Page - STMicroelectronics AN2099 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
Guidelines for connecting via JTAG protocol to the STR71x microcontroller
4.3 SWITCHING FROM DEBUG TO SYSTEM MODE
This section is not mandatory, but explains when the debugger needs to access the system
memory, this can be done by executing instructions temporarily in RUN mode.
– The ICE debug status register is read via scan chain2 to make sure we are still in debug
mode by checking DBGACK.
– Then switch back to scan chain1. In shifting data and the breakpoint bit into the scan chains,
the brkpt bit value is set to logic “0”
– Then the brkpt bit is set to logic "1" in order to execute an instruction at system speed re-
quested by the debugger, to return to system state ( to access system memory for example
that needs to be performed at system speed). This is done by performing RESTART to exit
debug state to execute the instruction at system speed (MCLK), then goes back to debug
state once the execution has ended (the core is then clocked with DCLK).
– The ICE debug status register is read to make sure the system has changed back to debug
mode by checking DBGACK.
– From which point we can execute instructions to the core in debug state using scan chain1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com