Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2099 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2099
Description  Guidelines for connecting via JTAG protocol to the STR71x microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2099 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2099 Datasheet HTML 1Page - STMicroelectronics AN2099 Datasheet HTML 2Page - STMicroelectronics AN2099 Datasheet HTML 3Page - STMicroelectronics AN2099 Datasheet HTML 4Page - STMicroelectronics AN2099 Datasheet HTML 5Page - STMicroelectronics AN2099 Datasheet HTML 6Page - STMicroelectronics AN2099 Datasheet HTML 7Page - STMicroelectronics AN2099 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
Guidelines for connecting via JTAG protocol to the STR71x microcontroller
2.4 CONNECTION SEQUENCE FROM STANDBY MODE
When the core is in Standby, the core and peripherals are powered down, therefore a straight
connection to the JTAG is not possible if the wakeup logic or system reset has not been trig-
gered. To exit Standby, the wakeup sequence needs to be run to switch the main voltage reg-
ulator (which supplies the core and on-chip peripherals) back on to its nominal value. The
wakeup procedure triggers a system reset sequence.
2.5 CONNECTION WHEN CODE IS EXECUTING FROM STR71x MEMORY
Attempting to connect while the STR71x is executing code from its memory is not recom-
mended as this is not considered as a robust solution. For example, the target could have al-
ready executed the code to put the STR71x in Standby mode and therefore any subsequent
attempt might fail.
3 CONNECTION METHODS
3.1 BOOT FROM FLASH, COPY TO RAM
One way to bypass the possibility of hitting a random instruction in RAM that might put the
system in an undefined state is to boot an application from address 0x0 in Flash which then
copies an image to internal RAM and executes from it. This will prevent any illegal or un-
wanted instruction being hit since the Flash is manufactured with known data contents, and
this is also the case when a flash sector is erased. This eliminates the possibility of hitting a
random code when the application is booted from internal RAM.
3.2 FLASH INITIALIZATION
As mentioned in Section 2, no JTAG connection to the target is possible during the Flash ini-
tialization phase, as described in Figure 2. The JTAG_EN signal is asserted and might reset
the ARM TAP.
Taking into account the Flash initialization procedure, the JTAG connection sequence can not
be initiated before phase 3 described in Figure 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com