Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2099 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2099
Description  Guidelines for connecting via JTAG protocol to the STR71x microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2099 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2099 Datasheet HTML 1Page - STMicroelectronics AN2099 Datasheet HTML 2Page - STMicroelectronics AN2099 Datasheet HTML 3Page - STMicroelectronics AN2099 Datasheet HTML 4Page - STMicroelectronics AN2099 Datasheet HTML 5Page - STMicroelectronics AN2099 Datasheet HTML 6Page - STMicroelectronics AN2099 Datasheet HTML 7Page - STMicroelectronics AN2099 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
Guidelines for connecting via JTAG protocol to the STR71x microcontroller
Figure 2. STR71x Reset Sequence
The reset sequence is divided into 6 phases:
1.
STR71x RESET: The whole device is under reset.
2.
CLOCK STABILIZATION: The CPU and the flash are kept under reset for the internal
clock stabilization.
3&4.
FLASH INITIALIZATION: The flash is initialized internally keeping the CPU under
reset.
This period varies as it is clocked by an embedded RC oscillator. The 2048TCK
period is set to allow enough time to the flash to be initialized with fCK=16MHz.
5.
CLOCK START-UP: MCLK is supplied to the various internal blocks of the device
while CPU and peripherals are kept under reset.
6.
USER APPLICATION EXECUTION: The user application is executed from address
0x00000000 by the CPU.
3.3 STANDBY PROGRAM
To illustrate the connection sequence in Standby mode, we can use a piece of code, which we
call the Standby program, that puts the core in Standby by setting the PWRDWN bit in the
power control register of the PRCCU. We place this code in internal Flash for execution. This
is the worst case scenario for the debugger connecting to the target since once the CPU starts
to execute the code at address 0x0, the core enters Standby mode.
Therefore this is a perfect test for the JTAG connection sequence since the only way to con-
nect from Standby is to perform a system reset, then after the flash initialization phase (phase
CK
RSTIN
JTAG_EN
RSTARM
MCLK
PHASE
255TCK
2048TCK
~20µs
16TCK
2
3
456
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com