Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2099 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2099
Description  Guidelines for connecting via JTAG protocol to the STR71x microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2099 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2099 Datasheet HTML 1Page - STMicroelectronics AN2099 Datasheet HTML 2Page - STMicroelectronics AN2099 Datasheet HTML 3Page - STMicroelectronics AN2099 Datasheet HTML 4Page - STMicroelectronics AN2099 Datasheet HTML 5Page - STMicroelectronics AN2099 Datasheet HTML 6Page - STMicroelectronics AN2099 Datasheet HTML 7Page - STMicroelectronics AN2099 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
Guidelines for connecting via JTAG protocol to the STR71x microcontroller
3 in Figure 2.) initiate connection before the code starts executing from memory. The de-
bugger should connect before any code is executed from memory, because as seen previ-
ously, random code in RAM could result in undefined behaviour by the core. The Standby pro-
gram is as follows:
*(unsigned short *)0xa0000054 = 0x8000;
*(unsigned short *)0xa0000054 = 0x8040;
for (;;) ;
3.4 CONCLUSION
Connection could be performed as soon as possible:
– after flash initialization
– when MCLK is running internally
– before the code execution starts.
The host debugger should assert DBGRQ after the flash initialization phase and needs to wait
2048 TCK periods before asserting DBGACK, which puts the CPU in Halt mode. This puts the
host debugger in full control of the STR71x CPU before it executes any code from memory.
4 JTAG CONNECTION SEQUENCE EXAMPLE
This section describes the JTAG communication output from the JTAG protocol converter at
the time when the connection is performed on the target. The sequence is analysed from the
first JTAG reset until the system is in debug mode and when the first system accesses are ex-
ecuted by the target, initiated by the debugger. The JTAG communication protocol sequence
is described in chronological order
4.1 TAP IDCODE AND HALT MODE CHECK
This section is optional since it is not a request from the debugger to connect to the CPU , it is
a way for the debugger to identify the CPU by reading back the TAP ID code of the device or
checking whether the device is already in debug mode.
– NJTRST goes out of reset.
– 1 Tck pulse to put the TAP in IDLE.
– TAP is in IDCODE and data is shifted out of TDO This is the first check by the debugger to
identify the device. If the idcode of the device can not be read, the debugger can stop the
connection sequence by displaying a error message in a popup window.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com