Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G53 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC2G53
Description  2-channel Analog Multiplexer Demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G53 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC2G53_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HD74ALVC2G53
Rev.4.00, Dec.18.2003, page 5 of 13
Electrical Characteristics
Ta=25°C
Ta=-40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max Min
Typ Max
Unit
Test
conditions
1.2

VCC
×0.75

1.4 to 1.6

VCC
×0.7

1.65 to 1.95

VCC
×0.7

2.3 to 2.7

1.7

VIH
3.0 to 3.6

2.0

1.2

VCC
×0.25
1.4 to 1.6

VCC
×0.3
1.65 to 1.95

VCC
×0.3
2.3 to 2.7

0.7
Input voltage
VIL
3.0 to 3.6

0.8
V
Control input
only
14

VI = 0 V,
IO = 1 mA
1.2
29

VI = 1.2 V,
IO = 1 mA
12
25
 30
VI = 0 V,
IO = 2 mA
1.4
21
35
 40
VI = 1.4 V,
IO = 2 mA
10
17
 20
VI = 0 V,
IO = 4 mA
1.65
17
27
 30
VI = 1.65 V,
IO = 4 mA
811
 13
VI = 0 V,
IO = 8 mA
2.3
13
18
 20
VI = 2.3 V,
IO = 8 mA
79.5
 10
VI = 0 V,
IO = 24 mA
On-state switch
resistance
RON
3.0
11
14.5
 15.5
Ω
VI = 3.0 V,
IO = 24 mA
1.2
280

IO = 1 mA
1.4
125
250

350
IO = 2 mA
1.65
55
110

150
IO = 4 mA
2.3
20
30

35
IO = 8 mA
Peak on
resistance
RON (p)
3.0
13
18

20
Ω
IO = 24 mA
1.2
1.0

IO = 1 mA
Difference of
on-state
∆RON
1.4
0.8
12

15
Ω
IO = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com