Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G53 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD74ALVC2G53
Description  2-channel Analog Multiplexer Demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G53 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD74ALVC2G53_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 12Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 13Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 14Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HD74ALVC2G53
Rev.4.00, Dec.18.2003, page 9 of 13
Test Circuit
VOUT
VCC
+
-
VCC
GND
(ON)
V
V =V
CIH
V =V
· R
ON
IN
CC
1.0 mA
V
- V
IN
OUT
R
=
ON
10
-3
(W)
VIN-OUT
VCC
VCC
GND
(OFF)
A
V =V
CIL
V =V
or GND
IN
CC
V
=GND
or V
OUT
CC
VCC
VCC
GND
(ON)
A
V =V
CIH
V =V
or GND
IN
CC
V
OPEN
OUT
• I (off), I (on)
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com