Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G53 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74ALVC2G53
Description  2-channel Analog Multiplexer Demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G53 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74ALVC2G53_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HD74ALVC2G53
Rev.4.00, Dec.18.2003, page 6 of 13
Electrical Characteristics (cont)
Ta=25°C
Ta=-40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max Min
Typ Max
Unit
Test
conditions
1.65
0.6
9

12
IO = 4 mA
2.3
0.5
5

9IO = 8 mA
resistance
between
switches
3.0
0.2
3

4IO = 24 mA
Off-state switch
leakage current
IS (OFF)
3.6

±0.1 
±1.0
µAVIN = VCC,
VOUT = GND
or VIN = GND,
VO = VCC,
VC = VIL
On-state switch
leakage current
IS (ON)
3.6

±0.1 
±1.0
µAVIN = VCC or
GND
VC = VIH
Input current
IIN
0 to 3.6

±0.1 
±1.0
µAVIN = 3.6 V or
GND
Quiescent
supply current
ICC
3.6

10
µAVIN = VCC or
GND
Control input
capacitance
CIC

4.5

pF
Switch terminal
capacitance
CIN / OUT

5.5

pF
Feed through
capacitance
CIN-OUT

0.2

pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com