Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G53 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74ALVC2G53
Description  2-channel Analog Multiplexer Demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G53 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74ALVC2G53_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 12Page - Renesas Technology Corp HD74ALVC2G53_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HD74ALVC2G53
Rev.4.00, Dec.18.2003, page 7 of 13
Switching Characteristics
(Ta =
−40 to 85°C)
VCC = 1.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
*1
tPLH
tPHL
0.4
ns
CL = 15 pF
COM or
Yn
Yn or
COM
Enable time
tZH
tZL
6.5
ns
CL = 15 pF
INH
COM or
Yn
Disable time
tHZ
tLZ
7.2
ns
CL = 15 pF
INH
COM or
Yn
VCC = 1.5
±0.1 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
*1
tPLH
tPHL

0.3
ns
CL = 15 pF
COM or
Yn
Yn or
COM
Enable time
tZH
tZL
2.0
9.0
ns
CL = 15 pF
INH
COM or
Yn
Disable time
tHZ
tLZ
2.0
10.0
ns
CL = 15 pF
INH
COM or
Yn
VCC = 1.8
±0.15 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
*1
tPLH
tPHL

0.48
ns
CL = 30 pF
COM or
Yn
Yn or
COM
Enable time
tZH
tZL
1.5
7.0
ns
CL = 30 pF
INH
COM or
Yn
Disable time
tHZ
tLZ
1.5
8.0
ns
CL = 30 pF
INH
COM or
Yn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com