Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4064 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology LTC4064 Datasheet HTML 10Page - Linear Technology LTC4064 Datasheet HTML 11Page - Linear Technology LTC4064 Datasheet HTML 12Page - Linear Technology LTC4064 Datasheet HTML 13Page - Linear Technology LTC4064 Datasheet HTML 14Page - Linear Technology LTC4064 Datasheet HTML 15Page - Linear Technology LTC4064 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4064
13
sn4064 4064fs
Regardless of mode, the voltage at the PROG pin is
proportional to the current being delivered to the battery.
Power Dissipation
The conditions that cause the LTC4064 to reduce charge
current due to the thermal protection feedback can be
approximated by considering the power dissipated in the
IC. For high charge currents, the LTC4064 power dissipa-
tion is approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage, and IBAT is the battery
charge current. It is not necessary to perform any worst-
case power dissipation scenarios because the LTC4064
will automatically reduce the charge current to maintain
the die temperature at approximately 105°C. However, the
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 105°C – PDθJA
TA = 105°C – (VCC – VBAT) • IBAT • θJA
Example: Consider an LTC4064 operating from a 5V wall
adapter providing 1.2A to a 3.75V Li-Ion battery. The
ambient temperature above which the LTC4064 will begin
to reduce the 1.2A charge current is approximately:
TA = 105°C – (5V – 3.75V) • 1.2A • 40°C/W
TA = 105°C – 1.5W • 40°C/W = 105°C – 60°C = 45°C
The LTC4064 can be used above 45°C, but the charge
current will be reduced below 1.2A. The approximate
charge current at a given ambient temperature can be
approximated by:
I
CT
VV
BAT
A
CC
BAT
JA
=
°
105
–
(–
)• θ
Consider the above example with an ambient temperature
of 55°C. The charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
A
BAT =
°°
°
=
°
°
=
105
55
5
3 75
40
50
50
1
–
(– .
)•
/
/
APPLICATIO S I FOR ATIO
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.
It is important to remember that LTC4064 applications do
not need to be designed for worst-case thermal conditions
since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately
105°C.
Board Layout Considerations
The ability to deliver maximum charge current under all
conditions require that the exposed metal pad on the
backside of the LTC4064 package be soldered to the PC
board ground. Correctly soldered to a 2500mm2 double-
sided 1oz. copper board the LTC4064 has a thermal
resistance of approximately 40°C/W. Failure to make
thermal contact between the exposed pad on the backside
of the package and the copper board will result in thermal
resistances far greater than 40°C/W. As an example, a
correctly soldered LTC4064 can deliver over 1250mA to a
battery from a 5V supply at room temperature. Without a
backside thermal connection, this number could drop to
less than 500mA.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing.
However, caution must be exercised when using multi-
layer ceramic capacitors. Because of the self resonant and
high Q characteristics of some types of ceramic capaci-
tors, high voltage transients can be generated under some
start-up conditions, such as connecting the charger input
to a hot power source. For more information refer to
Application Note 88.
Stability
The constant-voltage mode feedback loop is stable
without any compensation provided that a battery is
connected. However, a 1µF capacitor with a 1Ω series
resistor to GND is recommended at the BAT pin to keep
ripple voltage low when the battery is disconnected.
In the constant-current mode it is the PROG pin that is in
the feedback loop and not the battery. The constant-
current mode stability is affected by the impedance at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com