Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4064 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 2 Page - Linear Technology

  LTC4064 Datasheet HTML 1Page - Linear Technology LTC4064 Datasheet HTML 2Page - Linear Technology LTC4064 Datasheet HTML 3Page - Linear Technology LTC4064 Datasheet HTML 4Page - Linear Technology LTC4064 Datasheet HTML 5Page - Linear Technology LTC4064 Datasheet HTML 6Page - Linear Technology LTC4064 Datasheet HTML 7Page - Linear Technology LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4064
2
sn4064 4064fs
Input Supply Voltage (VCC) ..................................... 10V
BAT ......................................................................... 10V
NTC, SHDN, TIMER, PROG ............ –0.3V to VCC + 0.3V
CHRG, FAULT, ACPR ................................ –0.3V to 10V
BAT Short-Circuit Duration .......................... Continuous
BAT Current (Note 2) ............................................. 1.3A
PROG Current (Note 2) ....................................... 1.3mA
Junction Temperature .......................................... 125°C
Operating Temperature Range (Note 3) ...–40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
●
4.25
6.5
V
ICC
VCC Supply Current
Charger On; Current Mode; RPROG = 30k (Note 5)
●
12
mA
Shutdown Mode; VSHDN = 0V
●
25
50
µA
Sleep Mode VCC < VBAT or VCC ≤ 4V
●
25
50
µA
VFLOAT
VBAT Regulated Float Voltage
●
3.96
4.00
4.04
V
IBAT
Battery Pin Current
RPROG = 3k; Current Mode
●
465
500
535
mA
RPROG = 15k; Current Mode
●
93
100
107
mA
Shutdown Mode; VSHDN = 0V
±1
±3
µA
Sleep Mode VCC < VBAT or VCC < (VUV – ∆VUV)
±1
±3
µA
ITRIKL
Trickle Charge Current
VBAT < 2V; RPROG = 3k
●
35
50
65
mA
VTRIKL
Trickle Charge Trip Threshold Voltage
VBAT Rising
2.48
V
∆VTRIKL
Trickle Charge Trip Hysteresis Voltage
100
mV
VUV
VCC Undervoltage Lockout Voltage
VCC Rising
●
4
4.25
V
∆VUV
VCC Undervoltage Lockout Hysteresis
200
mV
VMSD
Manual Shutdown Threshold Voltage
SHDN Pin Voltage
0.6
1.3
V
VASD
Automatic Shutdown Threshold Voltage (VCC - VBAT) High to Low
35
mV
(VCC - VBAT) Low to High
70
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC4064EMSE
TJMAX = 125°C, θJA = 40°C/W (Note 4)
EXPOSED PAD IS GND, (PIN 11)
MUST BE SOLDERED TO PCB
1
2
3
4
5
CHRG
VCC
FAULT
TIMER
GND
10
9
8
7
6
ACPR
BAT
SHDN
PROG
NTC
TOP VIEW
MSE EXPOSED PAD PACKAGE
10-LEAD PLASTIC MSOP
11
MSE PART MARKING
LTAHQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com