Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4064 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 1 Page - Linear Technology

  LTC4064 Datasheet HTML 1Page - Linear Technology LTC4064 Datasheet HTML 2Page - Linear Technology LTC4064 Datasheet HTML 3Page - Linear Technology LTC4064 Datasheet HTML 4Page - Linear Technology LTC4064 Datasheet HTML 5Page - Linear Technology LTC4064 Datasheet HTML 6Page - Linear Technology LTC4064 Datasheet HTML 7Page - Linear Technology LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4064
1
sn4064 4064fs
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ File Servers, RAID Systems
■ Storage Products
■ Li-Ion Battery Back-Up
■ Preset 4V Charge Voltage with 1% Accuracy
Prolongs 4.2V Li-Ion Battery Lifetime
■ Automatic Recharge
■ Thermal Regulation Maximizes Charging Rate
without Risk of Overheating*
■ No MOSFET, Sense Resistor or Blocking Diode
Required
■ Programmable Charge Termination Timer
■ Thermistor Input for Temperature Qualified Charging
■ Programmable Charge Current with 7% Accuracy
■ C/10 Charge Current Detection Output
■ 25µA Supply Current in Shutdown Mode
■ Charge Current Monitor Useful for Gas Gauging*
■ Charges Directly from USB Port
■ Tiny Thermally Enhanced 10-pin MSOP Package
Monolithic Linear Charger
for Back-Up Li-Ion Batteries
The LTC4064 is a standalone linear charger optimized for
prolonging the life of 1-cell Li-ion batteries in battery back-
up applications. By charging to a float voltage of 4V
instead of 4.2V or 4.1V, the LTC4064 decelerates the aging
process and capacity degradation when the battery is
unused for long periods of time but must be in a ready
state.
An external capacitor programs a safety timer to terminate
the charge cycle while the charge current is set externally
with a single resistor. When the input supply is removed,
the LTC4064 automatically enters a low current sleep
mode, dropping the battery drain current to less than 3µA.
Additional safety features designed to maximize battery
lifetime and reliability include NTC temperature sensing
and low battery charge conditioning (trickle charging).
The IC contains an on-chip power MOSFET and eliminates
the need for an external sense resistor and blocking diode.
The LTC4064 also includes C/10 detection circuitry, AC
present logic, and fault detection circuitry.
, LTC and LT are registered trademarks of Linear Technology Corporation.
BAT
PROG
TIMER
NTC
GND
1.5k
1%
4.7µF
0.1µF
IBAT = 1A
4064TA01
SHDN
1-CELL
Li-Ion
BATTERY*
*AN OUTPUT CAPACITOR MAY BE REQUIRED
DEPENDING ON BATTERY LEAD LENGTH
VCC
VIN = 5V
VFLOAT = 4V
8
2
9
7
5, 11
6
4
LTC4064
Standalone Back-Up Li-Ion Battery Charger
*US Patent No. 6522118


Similar Part No. - LTC4064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064 LINER-LTC4064 Datasheet
174Kb / 16P
Monolithic Linear Charger for Back-Up Li-Ion Batteries
LTC4064EMSE LINER-LTC4064EMSE Datasheet
174Kb / 16P
Monolithic Linear Charger for Back-Up Li-Ion Batteries
More results

Similar Description - LTC4064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064 LINER-LTC4064 Datasheet
174Kb / 16P
Monolithic Linear Charger for Back-Up Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
High-Efficiency Charger for Li-Ion Batteries
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com