Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4064 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology LTC4064 Datasheet HTML 10Page - Linear Technology LTC4064 Datasheet HTML 11Page - Linear Technology LTC4064 Datasheet HTML 12Page - Linear Technology LTC4064 Datasheet HTML 13Page - Linear Technology LTC4064 Datasheet HTML 14Page - Linear Technology LTC4064 Datasheet HTML 15Page - Linear Technology LTC4064 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4064
16
sn4064 4064fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0803 1K • PRINTED IN USA
Li-Ion Battery Charger with Reverse Polarity Input Protection
LTC4064
BAT
PROG
VCC
SHDN
TIMER
GND
NTC
0.1µF
4.7µF
8
2
4
9
7
5
4064 TA03
6
IBAT = 1A
1-CELL
Li-Ion
BATTERY
5V WALL
ADAPTER
1.5k
1%
+
ACPR
FAULT
BAT
PROG
CHRG
NTC
TIMER
GND
VIN = 5V
4k
1%
3k
1%
RNTC
10k
4.7µF
1µF
0.1µF
IBAT = 500mA
4064 TA04
1k
1k
1k
SHDN
Li-Ion
CELL
VCC
82
10
3
9
7
5
4
6
1
1Ω
LTC4064
Full Featured Single Cell Li-Ion Charger
USB/Wall Adapter Power Li-Ion Battery Charger
SUSPEND
0.1µF
15k
4.7µF
1µF
4064 TA02
1k
Li-Ion
CELL
USB
POWER
5V WALL
ADAPTER
100mA/
500mA
µC
3.74k
LTC4064
BAT
SHDN
VCC
TIMER
GND
2
9
8
7
5
NTC
6
4
IBAT
PROG
1Ω
+
TYPICAL APPLICATIO S
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1571
200kHz/500kHz Switching Battery Charger
Up to 1.5A Charge Current; Preset and Adjustable Battery Voltages
LTC1731
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10
Charger Detection and Programmable Timer
LTC1732
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10
Charger Detection and Programmable Timer, Input Power Good Indication
LTC1733
Monolithic Lithium-Ion Linear Battery Charger
Standalone Charger with Programmable Timer, Up to 1.5A Charge Current
LTC1734
Lithium-Ion Linear Battery Charger in ThinSOT
TM
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC1734L
Lithium-Ion Linear Battery Charger Controller
50mA to 180mA, No Blocking Diode, No Sense Resistor Needed
LTC4006
4A Lithium-Ion Synchronous Switching Battery Charger 6V ≤ VIN ≤ 28V; 2-, 3-, 4-Cell Lithium-Ion Batteries; Up to 96% Efficiency
LTC4050
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Thermistor Input for
Battery Temperature Sensing
LTC4052
Lithium-Ion Linear Battery Pulse Charger
Fully Integrated, Standalone Pulse Charger, Minimal Heat Dissipation,
Overcurrent Protection
LTC4054
Standalone Lithium-Ion Linear Battery Charger in
Up to 800mA Charge Current, Thermal Regulation, USB Compatible,
ThinSOT
Charge Termination
LTC4056
Standalone Lithium-Ion Linear Battery Charger
Up to 700mA Charge Current, Charge Termination, Continuous Charging
Controller in ThinSOT
with Poorly Regulated or High Impedance Input Supplies
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com