Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2282 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 5Page - STMicroelectronics AN2282 Datasheet HTML 6Page - STMicroelectronics AN2282 Datasheet HTML 7Page - STMicroelectronics AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics AN2282 Datasheet HTML 10Page - STMicroelectronics AN2282 Datasheet HTML 11Page - STMicroelectronics AN2282 Datasheet HTML 12Page - STMicroelectronics AN2282 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN2282
Firmware
9/19
2
Firmware
The firmware is developed in several layers following the standard ISO/OSI model for
networking from physical layer up to application layer. A firmware architecture diagram is
shown below in Figure 7.
Figure 7.
Firmware architecture
The firmware also includes a module for the configuration of the GPIO used to manage the
reset signal and interrupt signal of the Ethernet Controller.
2.1
Ethernet controller driver
The two lower layers (the Ethernet Device Driver layer and the STR7 Hardware Libraries
and Device Interface layer) manage the CS8900A Ethernet controller and the physical
access to the device.
2.1.1
Low Level Interface
The emi.c is part of the STR710 library and it defines the functions for configuration of the
EMI peripheral. The ethdrv.c module provides the interface function to the upper layer and is
useful for low level access to the Ethernet controller when it is accessed in I/O mode:
void outw(int address, short data);
Writes a 16-bit data word to an I/O
register located at a given address.
char inb(int address);
Reads a byte data from an I/O register located at a given
address.
short inw(int address);
Reads a 16-bit word from an I/O register located at a
given address.
The module also provides the function for hardware reset of the Ethernet controller:
void reset_NIC(void);
Buffer
Device Driver
Modules: ethdev.c
Ethernet Device Driver
Modules: lan8900.c
STR7 Hardware Libraries and Device Interface
Modules: emi.c, ethdrv.c
Application Layer
TCP/IP Layers
Modules: uip.c, uip_arp.c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com