Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2282 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 11Page - STMicroelectronics AN2282 Datasheet HTML 12Page - STMicroelectronics AN2282 Datasheet HTML 13Page - STMicroelectronics AN2282 Datasheet HTML 14Page - STMicroelectronics AN2282 Datasheet HTML 15Page - STMicroelectronics AN2282 Datasheet HTML 16Page - STMicroelectronics AN2282 Datasheet HTML 17Page - STMicroelectronics AN2282 Datasheet HTML 18Page - STMicroelectronics AN2282 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Conclusion
AN2282
16/19
3
Conclusion
The solution provides a way to add Ethernet connectivity features to STR710 with minimum
resources load. It uses a minimal part of one chip-select addressing space of the EMI and
since it is hooked to the RTC alarm, it is possible to calibrate the CPU load for its
processing. The stack also supports SLIP protocol; in this case it also commits the UART0
resource. The user can easily customize the application by modifying just three files. In the
end, the firmware uses little of STR710's memory resources: 65.04 KB of Flash and 7.16 KB
of RAM, correspondingly the 25.4% of the Flash and the 11.18% of the SRAM; of course
these values depend on the files size of the web server that are variable.
Table 1.
Definitions
Acronym
Definition
TCP
Transmission Control Protocol
IP
Internet Protocol
UDP
User Data Protocol
ICMP
Internet Control Message Protocol
ARP
Address Resolution Protocol
EMI
External Memory Interface
ISA
Industry Standard Architecture
SLIP
Serial Line Internet Protocol
MAC
Media Access Control
LAN
Local Area Network
ISO
International Standards Organization
OSI
Open Systems Interconnection
SMTP
Simple Mail Transfer Protocol
DNS
Domain Name System
RTC
Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com