Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2282 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2282 Datasheet HTML 1Page - STMicroelectronics AN2282 Datasheet HTML 2Page - STMicroelectronics AN2282 Datasheet HTML 3Page - STMicroelectronics AN2282 Datasheet HTML 4Page - STMicroelectronics AN2282 Datasheet HTML 5Page - STMicroelectronics AN2282 Datasheet HTML 6Page - STMicroelectronics AN2282 Datasheet HTML 7Page - STMicroelectronics AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN2282
Hardware
5/19
1.2
EMI-ISA Interface
The CS8900A Ethernet controller includes a direct interface to the ISA bus. The ISA bus
(Industry Standard Architecture) has been the first standard in the IBM PC architecture;
detailed information and specification can be found in the following documents:
EISA Specification, Version 3.12. This document includes specifications for ISA as well
as the "Extended Industry Standard Architecture" that defines a 32-bit extension to the
ISA [2].
PS/2 Technical Reference - AT Bus Systems. This document includes signal definitions
and timing diagrams for the ISA bus used in some IBM computers [3].
At the same time, the CS8900A can be used for cost-effective, full-duplex Ethernet solutions
for non-ISA architectures as referenced in the application note AN83 from CIRRUS LOGIC®
Crystal LANTM CS8900A ETHERNET CONTROLLER TECHNICAL REFERENCE
MANUAL [4].
The reference schematic of the hardware interface between EMI and the ISA bus is shown
in Figure 2. The Chip Select 2 of EMI is used to address the Ethernet Controller; moreover
address line A23 of EMI is used together with CS.2 to enable read/write operations on
CS8900A. From a firmware point of view, this means that the Ethernet Controller is mapped
at base address 0x64800000; in this way the CS.2 is not committed only by the CS8900A
but it also can be used to address other devices.
Figure 2.
EMI-ISA glue logic reference schematic
The CS8900A can be accessed both in ISA IO mode and ISA memory mode; the glue logic
is designed to allow both access modes. The Address line A12 separates IO address space
and memory address space. When A12 is low the Ethernet Controller is accessed in IO
+3V3
+3V3
+3V3
nWR
GND
CS.2
QA12
QA11
QA10
QA9
QA8
QA7
+3.3V
GND
QA2
QA1
GND
QA0
QA3
+3.3V
GND
CS.2
IOR
A12
ME MR
ME MR
nAE
IOW
A12
ME MW
nWR
nA23
nRD
A0
A1
A4
A6
A8
A9
A10
A11
A3
A2
A5
A7
A12
nA23
WE0
WE1
nRD
ME MW
IOW
ME MR
IOR
QA4
QA5
QA6
CS.2
CS.2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
U7
M7 4HC08TTR-TTSOP14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
GND 8
9
10
11
12
13
VDD
IC5
74LVC32ATTR-TSSOP14
1
2
3
4
5
6
7
8
9
10
13
12
11
14
1A
1B
1Y
2A
2B
2Y
GND
3Y
3A
3B
4B
4A
4Y
vcc
IC100
74LVX573T
1
10
20
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
OE
GND
VCC
D0
D1
D2
D3
D4
D5
D6
D7
LE
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
IC6
74LVC32ATTR-TSSOP14
1
2
3
4
5
6
7
8
9
10
13
12
11
14
1A
1B
1Y
2A
2B
2Y
GND
3Y
3A
3B
4B
4A
4Y
vcc
U15
NOT
1
2
IC101
74LVX573T
1
10
20
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
OE
GND
VCC
D0
D1
D2
D3
D4
D5
D6
D7
LE
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
STR7 EMI Address Bus
STR7 EMI Control Bus
NIC ISA Control Bus
NIC ISA Address Bus
NIC nSBHE
STR7 EMI Data Bu s
NIC ISA Data Bus
NIC SA13 to SA19 , AEN,
CHIPSEL Grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com