Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2282 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics AN2282 Datasheet HTML 10Page - STMicroelectronics AN2282 Datasheet HTML 11Page - STMicroelectronics AN2282 Datasheet HTML 12Page - STMicroelectronics AN2282 Datasheet HTML 13Page - STMicroelectronics AN2282 Datasheet HTML 14Page - STMicroelectronics AN2282 Datasheet HTML 15Page - STMicroelectronics AN2282 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Firmware
AN2282
12/19
from the transmit request queue. If there are more transmit requests waiting, then start
the transmission of the next transmit request.
●
unsigned short csReadPacketPage( unsigned short Offset );
This reads the PacketPage register at the specified offset.
●
void csWritePacketPage( unsigned short Offset, unsigned short
Value );
This writes to the PacketPage register at the specified offset.
●
unsigned long csEnqueueTxReq( PIA pDestAddr, mblk_t *pSendParms );
This routine places a transmit request at the end of the Transmit Request queue.
●
void csDequeueTxReq(void);
This routine removes a transmit request from the head of the Transmit Request queue.
Summarizing, the lan8900.c module moves the received packet from the Ethernet controller
memory to the reception message and the packet to transmit from the transmission
message to the Ethernet controller memory.
2.2
Device driver
The module ethdev.c is the interface between the CS8900A driver and the TCP/IP stack.
The module also provides the interface to the main routine for Ethernet controller
initialization. The TCP/IP stack is interfaced to the lower layer by a single buffer both for
reception and transmission, so this module has to manage data movement between lower
layer messages and this single buffer. The functions of the module are the following:
●
int ethdev_init(void);
The interface for device initialization.
●
unsigned int ethdev_read(void);
The interface for processing the events on the Interrupt Status Queue.
●
void ethdev_send(void);
The interface to send packets. It copies the TCP/IP stack buffer data into the
transmission message data.
●
void ProcessMsg( mblk_t *pMsg );
This routine process the incoming message. It copies the received message data into
TCP/IP stack buffer and returns the length of the received packet avoiding collision
between incoming and outgoing data. Its Entry Point is passed to the lower layer to
indicate which function must process the incoming messages (used to initialize
cs_pAnnounce_Packet variable).
2.3
TCP/IP layers
The TCP/IP stack (uip.c and uip_arp.c modules) used in the solution is the uIP open source
stack from www.sics.se. It provides the necessary protocols for Internet communication,
with a very small code footprint and RAM requirements. The uIP implementation is designed
to have only the absolute minimal set of features needed for a full TCP/IP stack. It can only
handle a single network interface and contains only a rudimentary UDP implementation, but
focuses on the IP, ICMP and TCP protocols. The full TCP/IP suite consists of numerous
protocols, ranging from low level protocol such as ARP which translates IP addresses to
MAC addresses, to application level protocols. The uIP is mostly concerned with the TCP
and IP protocols and upper layer protocols will be referred to as "the application" [6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com