Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2350 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 9Page - STMicroelectronics AN2350 Datasheet HTML 10Page - STMicroelectronics AN2350 Datasheet HTML 11Page - STMicroelectronics AN2350 Datasheet HTML 12Page - STMicroelectronics AN2350 Datasheet HTML 13Page - STMicroelectronics AN2350 Datasheet HTML 14Page - STMicroelectronics AN2350 Datasheet HTML 15Page - STMicroelectronics AN2350 Datasheet HTML 16Page - STMicroelectronics AN2350 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AN2350
The SDK-ST10F276 control board
13/41
2.1.1
User Interfaces
The main interfaces used to communicate with the SDK-ST10F276 platform include:
Two CAN 2.0B interfaces which operate on one or two CAN buses (30 or 2x15
message objects)
One RS232 connector for serial signal communication with external devices
One I2C connector for additional external device management
Three dedicated connectors for motion control (external power motor boards)
A series of general purpose LEDs and DIP switches
One potentiometer and a push-button
For the user's convenience, the ST10 I/O pins on the Development board are split into four
main connectors located on each side of the ST10 device
The five general purpose Light Emitting Diodes (LEDs) may be used for end-user
applications.
They can be activated via the JP2 connector, or by using a series of dip switches on the
board.
The potentiometer and push-button may be set in different and independent ways for
general purpose uses.
2.1.2
On board motor control connectors
The SDK-ST10F276 board provides an embedded solution (3 modular connectors) for
power requirements up to 3000W, so they are well-suited for driving motors (e.g. BLDC,
Brushless Direct Current) via an appropriate external motor board. The various power
boards that can be connected to the SDK-ST10F276 are optimized in order to support a
wide variety of advanced motor control applications.
Each of the three power connectors on the SDK-ST10F276 development board has 26 pins
(see Figure 9). When a connector is used with a compatible motor board, the user can drive
motors with the following signals:
PWM
Hall Effect sensor/GPIO
Power/Brake
Encoder
Tachometer/Resolver
Shutdown, and Alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com