Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2350 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 18Page - STMicroelectronics AN2350 Datasheet HTML 19Page - STMicroelectronics AN2350 Datasheet HTML 20Page - STMicroelectronics AN2350 Datasheet HTML 21Page - STMicroelectronics AN2350 Datasheet HTML 22Page - STMicroelectronics AN2350 Datasheet HTML 23Page - STMicroelectronics AN2350 Datasheet HTML 24Page - STMicroelectronics AN2350 Datasheet HTML 25Page - STMicroelectronics AN2350 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Hardware and mechanical equipments
AN2350
22/41
Figure 15.
The conditioning circuit for one absolute encoder
The sector C represents the incremental 12-bit encoder, whose outputs are two sinusoidal
signals (available in orange and green wires) shifted to each other by 90 degrees, with an
offset of 2.5 V and a peak-to-peak voltage of 1.1 V.
Since these signals can not be directly managed by the microcontroller, it has been
necessary to develop a conditioning circuit whose outputs are digital signals.
This conditioning circuit for each sinusoidal signal consists of a comparator whose output is
at a logical high level (5 V) every time the input signal level is over 2.5 V, and at logical low
level (0 V) every time the level of the input signal is below 2.5 V. A detail of the conditioning
circuit for one of the incremental encoders of the wafer handler is shown in the following
figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com