Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2350 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 19Page - STMicroelectronics AN2350 Datasheet HTML 20Page - STMicroelectronics AN2350 Datasheet HTML 21Page - STMicroelectronics AN2350 Datasheet HTML 22Page - STMicroelectronics AN2350 Datasheet HTML 23Page - STMicroelectronics AN2350 Datasheet HTML 24Page - STMicroelectronics AN2350 Datasheet HTML 25Page - STMicroelectronics AN2350 Datasheet HTML 26Page - STMicroelectronics AN2350 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AN2350
Hardware and mechanical equipments
23/41
Figure 16.
The conditioning circuit for one incremental encoder
Using a trimmer it is possible to have a square wave with a duty cycle of 50% as output.
In this way from the two input sinusoidal signals it is possible to obtain two square signals
shifted each other of 90 degrees, through which it is possible to count 4096 pulses for each
rotation of the joint.
The conditioning circuit presents also a D flip-flop through which it is possible to obtain the
direction of rotation of the joint.
3.4
Schematics of the driver board and the interface board.
The driver board presents three 25 pin D-SUB male connectors to which are plugged the
cables of the wafer handler. In the same board there are 26 pin male connectors, used to
interface the SDK-ST10F276 board through three flat cables.
Figure 17 and Figure 18 show the schematic of the driver board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com