Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2350 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 28Page - STMicroelectronics AN2350 Datasheet HTML 29Page - STMicroelectronics AN2350 Datasheet HTML 30Page - STMicroelectronics AN2350 Datasheet HTML 31Page - STMicroelectronics AN2350 Datasheet HTML 32Page - STMicroelectronics AN2350 Datasheet HTML 33Page - STMicroelectronics AN2350 Datasheet HTML 34Page - STMicroelectronics AN2350 Datasheet HTML 35Page - STMicroelectronics AN2350 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Control algorithm
AN2350
32/41
As shown in the figure above, the trajectory in this case is made of three tracts.
●
A straight-line tract with a trapezoidal velocity profile that brings the end-effector from
the start point
to the origin
.
●
A change of the configuration in which the entire arm is rotated of 180°. We can see
how the position of the end-effector remains the same while its orientation is changed.
●
A straight-line tract with a trapezoidal velocity profile that brings the end-effector from
the origin
to the stop point
.
Figure 25.
Motion path planning scheme to avoid singularities
4.2
PID position control algorithm
The points of the trajectory table have to be given as input one by one to the control
algorithm every TR , that has been fixed in 20 ms, while the PID control interrupt service
routine (ISR) is performed every 1ms.
The trajectory table is composed of two arrays; one for the shoulder (shoulder_array[ ]) and
one for the elbow (elbow_array[ ]), obviously of the same dimension.
The control ISR has been associated to the compare unit CC2, while the scanning of the
trajectory table has been associated to the compare unit CC3.
The incremental encoders of the shoulder and the elbow have been associated to the GPT1
timers T2 and T4, respectively, used in incremental interface mode.
)
,
(
1
1 y
x
)
0
,
0
(
)
0
,
0
(
)
,
(
2
2
y
x
Start point (x1, y1)
Stop point (x2, y2)
N
Y
c=0
Motion path planning
Straight-line motion
(x1,y1)
⇒ (x2,y2)
Y
Trajectory table as
encoder pulses
Straight-line motion
(x1,y1)
⇒ (0,0)
Configuration change
180° rotation
Straight-line motion
(0,0)
⇒ (x2, y2)
sign(x1)
=
sign(x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com