Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2452 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2452 Datasheet HTML 7Page - STMicroelectronics AN2452 Datasheet HTML 8Page - STMicroelectronics AN2452 Datasheet HTML 9Page - STMicroelectronics AN2452 Datasheet HTML 10Page - STMicroelectronics AN2452 Datasheet HTML 11Page - STMicroelectronics AN2452 Datasheet HTML 12Page - STMicroelectronics AN2452 Datasheet HTML 13Page - STMicroelectronics AN2452 Datasheet HTML 14Page - STMicroelectronics AN2452 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN2452
Evaluation board
11/21
2.2
Description
2.2.1
Top view
Figure 4.
STW8110x EVB (1G/2G/4G): top view
1.
Digital interface connector: connect to the PC parallel port through the supplied cable.
2.
Power supply (5 V).
3.
Hardware power down: turn on/off the device.
4.
Digital interface selection between I2C and SPI.
5.
I2C device address (default: 000).
6.
Identification label. Two ID labels are present on the board network (see also
2.2.2 - 1):
single output EVB top: STW8110x-EVBy,
bottom: aaaaaaaaxyzzz, where:
aaaaaaaa = internal ST code
x = 1,2,3 depending on the device (STW81101/2/3)
y = 1,2,4 depending on the board (EVB1G/2G/4G)
zzz = progressive board number
7.
RF output.
8.
Single output EVB: RF output matching network (see also
2.2.2 - 3 and Figure 6).
Differential output EVB: RF output de-coupling capacitors (C46 and C47).
9.
Reference clock input.
10. STW8110x.
11. Loop filter and external resistor controlling the charge pump current (R15).
12. Lock detector LED.
53mm
57mm
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com