Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2452 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2452 Datasheet HTML 13Page - STMicroelectronics AN2452 Datasheet HTML 14Page - STMicroelectronics AN2452 Datasheet HTML 15Page - STMicroelectronics AN2452 Datasheet HTML 16Page - STMicroelectronics AN2452 Datasheet HTML 17Page - STMicroelectronics AN2452 Datasheet HTML 18Page - STMicroelectronics AN2452 Datasheet HTML 19Page - STMicroelectronics AN2452 Datasheet HTML 20Page - STMicroelectronics AN2452 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Evaluation board
AN2452
18/21
Table 2.
EVB1G output matching network
Quantity
Reference
Part
Part number - manufacturer
1
Cs2
0.5 pF
GRM1555C1HR50C - MURATA
1
XS1
2.1 nH
0403HQ-2N1XJL - COILCRAFT
Cs3
NC
Cs1
NC
Cs4
NC
Cs5
NC
1
C16
22 pF
GRM1555C1H220J - MURATA
1
U5
0900BL15
0900BL15C050 - JOHANSON
2
C15, C17
8.2 pF
GRM1555C1H8R2D - MURATA
2
R12, R13
24.9
Ω
2
L1, L2
18 nH
0403HQ-18NXJL- COILCRAFT
Table 3.
EVB2G output matching network
Quantity
Reference
Part
Part number - manufacturer
Cs2
NC
1
XS1
1.9 nH
0402PA-1N9X B - COILCRAFT
1
Cs3
1.2 pF
GRM1555C1H1R2C - MURATA
Cs1
NC
Cs4
NC
Cs5
NC
1
C16
22 pF
GRM1555C1H220J - MURATA
1
U5
1600BL15
1600BL15B100 - JOHANSON
2
C15, C17
22 pF
GRM1555C1H220J - MURATA
2R12, R13
51
Ω
2
L1, L2
5.5 nH
0403HQ-5N5XJL - COILCRAFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com