Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2452 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2452 Datasheet HTML 1Page - STMicroelectronics AN2452 Datasheet HTML 2Page - STMicroelectronics AN2452 Datasheet HTML 3Page - STMicroelectronics AN2452 Datasheet HTML 4Page - STMicroelectronics AN2452 Datasheet HTML 5Page - STMicroelectronics AN2452 Datasheet HTML 6Page - STMicroelectronics AN2452 Datasheet HTML 7Page - STMicroelectronics AN2452 Datasheet HTML 8Page - STMicroelectronics AN2452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2452
Software
5/21
8.
Output divider:
Direct output.
Divider by 2.
Divider by 4.
9.
Configurations:
Load/Save: load/save a configuration file.
Load default/Save default: load/save a default configuration.
10. Program counter B: 12-bit counter.
11. VCO. VCO settings:
Output frequency range/VCOs frequency range: press this button to show
information on the limits of Fout/Fvco (only for the embedded VCOs).
VCO selection (enabled only in Advanced mode):
- EXT: external VCO. The external VCO buffer is able to manage a signal coming
from an external VCO in order to build a synthesizer using the STW8110x only as
PLL IC. The external VCO signal can range from 625 MHz up to 5 GHz. Its
minimum power level must be -10 dBm.
- VCO A/VCO B: embedded VCOs.
12. Parallel port address. Hex value of the parallel port base address:
278: normally assigned to LPT2.
378: normally assigned to LPT1.
–3BC
FILE: output is saved to a text file.
13. Prescaler modulus:
–P=16
–P=19
14. Reference divider. The 10-bit programmable reference counter allows the input
reference frequency to be divided to produce the input clock to the phase frequency
detector (PFD):
Fpfd = Fref / R
where
–Fpfd: PFD input frequency
–Fref: input reference frequency
Limits: 2
≤R ≤1023
15. Frequency settings:
–Fref: input reference frequency (MHz)
- Limits: 10 MHz
≤Fref ≤200 MHz
–Fpfd: phase frequency detector (PFD) input frequency (kHz)
Fpfd = Fref / R, where R is the reference divider factor.
-/+: finds a lower/higher rational value for Fpfd.
–Fvco: VCO oscillating frequency (MHz)
Fvco = N · Fpfd.
N: PLL division ratio
N = B
· P + A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com