Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2452 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2452 Datasheet HTML 13Page - STMicroelectronics AN2452 Datasheet HTML 14Page - STMicroelectronics AN2452 Datasheet HTML 15Page - STMicroelectronics AN2452 Datasheet HTML 16Page - STMicroelectronics AN2452 Datasheet HTML 17Page - STMicroelectronics AN2452 Datasheet HTML 18Page - STMicroelectronics AN2452 Datasheet HTML 19Page - STMicroelectronics AN2452 Datasheet HTML 20Page - STMicroelectronics AN2452 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN2452
Evaluation board
17/21
1
R16
270
Ω
0603 - PHICOMP
1
R18
8.2 k
Ω
0603 - PHICOMP
1R19
10 k
Ω
0603 - PHICOMP
1
R20
4 k
Ω
0603 - PHICOMP
9
C8, C13, C22, C25, C33, C34,
C35, C36, C40, C35, C36, C40
10 F
GRM188 - 0603 - Murata
5
C1, C2, C3, C4, C38
10 pF
GRM188 - 0603 - Murata
3
C6, C7, C11
15 pF
GRM188 - 0603 - Murata
3
C5, C26, C39
100 nF
GRM188 - 0603 - Murata
5
C10, C18, C20, C23, C45
22 pF
GRM188 - 0603 - Murata
6
C9, C12, C14, C21, C24, C44
1 nF
GRM188 - 0603 - Murata
1
C19
1.8 nF
GRM188 - 0603 - Murata
1
C28
270 pF
GRM188-COG - 0603 - Murata
1
C30
68 pF
GRM188-COG - 0603 - Murata
1
C29
2.7 nF
GRM188-COG - 0603 - Murata
1
C27
47 F
1210 - AVX TPS Series III
3
C31, C37, C42
10 nF
GRM188 - 0603 - Murata
1
C32
100 pF
GRM188 - 0603 - Murata
2
C41, C43
1 F
GRM188 - 0603 - Murata
2
L3,L4
220 nH
0805HT- R22T B - Coilcraft
3
U2, U3, U4
0
Ω
0603 - PHICOMP
1D1
LED
1Q1
BC847C
ST
1
U6
STW8110x
ST
1
U7
LT1962EMS8-3.3 Linear Technology
1
U8
LK112M33TR
ST
1
U9
74LCX07TTR
ST
1
SMA (1.6mm)
SMA REF Freq
1
SMA (1.6mm)
SMA Band 2
1
J1
10 pole connector
1J2
+5VOLT
1J3
GND
3
S1, S2, S3
Switch
Table 1.
Bill of materials common to all the EVBs (EVB1G/2G/4G) (continued)
Quantity
Reference
Part
Part number - manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com