Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2586 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics AN2586 Datasheet HTML 11Page - STMicroelectronics AN2586 Datasheet HTML 12Page - STMicroelectronics AN2586 Datasheet HTML 13Page - STMicroelectronics AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics AN2586 Datasheet HTML 16Page - STMicroelectronics AN2586 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN2586
Clocks
Doc ID 13675 Rev 7
13/28
2.2
LSE OSC clock
The low-speed external clock signal (LSE) can be generated from two possible clock
sources:
LSE external crystal/ceramic resonator (see Figure 9)
LSE user external clock (see Figure 8)
Note:
1
“External clock” figure:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended
to use a resonator with a load capacitance CL 7 pF. Never use a resonator with a load
capacitance of 12.5 pF
2
“External clock” and “crystal/ceramic resonators” figures:
OSC32_IN and OSC_OUT pins can be used also as GPIO, but it is recommended not to
use them as both RTC and GPIO pins in the same application
3“Crystal/ceramic resonators” figure:
The value of REXT depends on the crystal characteristics. A 0 Ω resistor would work but
would not be optimal. Typical value is in the range of 5 to 6 RS (resonator series resistance).
To fine tune RS value refer to AN2867 - Oscillator design guide for ST microcontrollers.
2.2.1
External source (LSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
1 MHz. The external clock signal (square, sine or triangle) with a duty cycle of about 50%
has to drive the OSC32_IN pin while the OSC32_OUT pin must be left high impedance (see
Figure 9 and Figure 8).
2.2.2
External crystal/ceramic resonator (LSE crystal)
The LSE crystal is a 32.768 kHz low-speed external crystal or ceramic resonator. It has the
advantage of providing a low-power, but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
Figure 8.
External clock
Figure 9.
Crystal/ceramic resonators
OSC32_OUT
OSC32_IN
External source
(Hi-Z)
ai14371
Hardware configuration
OSC32_OUT
OSC32_IN
ai14372c
STM32F10xxx
CL1
CL2
Hardware configuration
REXT
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com