Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2586 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics AN2586 Datasheet HTML 22Page - STMicroelectronics AN2586 Datasheet HTML 23Page - STMicroelectronics AN2586 Datasheet HTML 24Page - STMicroelectronics AN2586 Datasheet HTML 25Page - STMicroelectronics AN2586 Datasheet HTML 26Page - STMicroelectronics AN2586 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AN2586
Reference design
Doc ID 13675 Rev 7
23/28
6.2
Component references
Table 4.
Mandatory components
Id
Components name
Reference
Quantity
Comments
1
Microcontroller
STM32F103ZE(T6)
1
144-pin package
2
Capacitors
100 nF
11
Ceramic capacitors (decoupling
capacitors)
3
Capacitor
10 µF
1
Ceramic capacitor (decoupling
capacitor)
Table 5.
Optional components
Id
Components name
Reference
Quantity
Comments
1Resistor
10 k
Ω
5
Pull-up and pull-down for JTAG and Boot
mode.
2Resistor
390
Ω
1
Used for HSE: the value depends on the
crystal characteristics.
This resistor value is given only as a typical
example.
3Resistor
0
Ω
1
Used for LSE: the value depends on the
crystal characteristics.
This resistor value is given only as a typical
example.
4
Capacitor
100 nF
3
Ceramic capacitor
5
Capacitor
1µF
2
Used for VDDA and VREF.
6
Capacitor
10 pF
2
Used for LSE: the value depends on the
crystal characteristics.
7
Capacitor
20 pF
2
Used for HSE: the value depends on the
crystal characteristics.
8
Quartz
8 MHz
1
Used for HSE
9
Quartz
32 kHz
1
Used for LSE
10
JTAG connector
HE10
1
11
Battery
3V3
1
If no external battery is used in the
application, it is recommended to connect
VBAT externally to VDD
12
Switch
3V3
2
Used to select the correct boot mode.
13
Push-button
B1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com