Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2586 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 18Page - STMicroelectronics AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics AN2586 Datasheet HTML 22Page - STMicroelectronics AN2586 Datasheet HTML 23Page - STMicroelectronics AN2586 Datasheet HTML 24Page - STMicroelectronics AN2586 Datasheet HTML 25Page - STMicroelectronics AN2586 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Reference design
AN2586
22/28
Doc ID 13675 Rev 7
6
Reference design
6.1
Description
The reference design shown in Figure 14, is based on the STM32F103ZE(T6), a highly
integrated microcontroller running at 72 MHz, that combines the new Cortex™-M3 32-bit
RISC CPU core with 512 Kbytes of embedded Flash memory and up to 64 Kbytes of high-
speed SRAM
.
This reference design can be tailored to any other STM32F10xxx device with different
package, using the pins correspondence given in Table 6: Reference connection for all
packages.
6.1.1
Clock
Two clock sources are used for the microcontroller:
●
LSE: X1– 32.768 kHz crystal for the embedded RTC
●
HSE: X2– 8 MHz crystal for the STM32F10xxx microcontroller
Refer to Section 2: Clocks on page 11.
6.1.2
Reset
The reset signal in Figure 14 is active low. The reset sources include:
●
Reset button (B1)
●
Debugging tools via the connector CN1
Refer to Section 1.3: Reset and power supply supervisor on page 8.
6.1.3
Boot mode
The boot option is configured by setting switches SW2 (Boot 0) and SW1 (Boot 1). Refer to
Section 3: Boot configuration on page 15.
Note:
In low-power mode (more specially in Standby mode) the boot mode is mandatory to be
able to connect to tools (the device should boot from the SRAM).
6.1.4
SWJ interface
The reference design shows the connection between the STM32F10xxx and a standard
JTAG connector. Refer to Section 4: Debug management on page 17.
Note:
It is recommended to connect the reset pins so as to be able to reset the application from
the tools.
6.1.5
Power supply
Refer to Section 1: Power supplies on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com