Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2586 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 17Page - STMicroelectronics AN2586 Datasheet HTML 18Page - STMicroelectronics AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics AN2586 Datasheet HTML 22Page - STMicroelectronics AN2586 Datasheet HTML 23Page - STMicroelectronics AN2586 Datasheet HTML 24Page - STMicroelectronics AN2586 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN2586
Recommendations
Doc ID 13675 Rev 7
21/28
Figure 13.
Typical layout for VDD/VSS pair
5.5
Other signals
When designing an application, the EMC performance can be improved by closely studying:
Signals for which a temporary disturbance affects the running process permanently
(the case of interrupts and handshaking strobe signals, and not the case for LED
commands).
For these signals, a surrounding ground trace, shorter lengths and the absence of
noisy and sensitive traces nearby (crosstalk effect) improve EMC performance.
For digital signals, the best possible electrical margin must be reached for the two
logical states and slow Schmitt triggers are recommended to eliminate parasitic states.
Noisy signals (clock, etc.)
Sensitive signals (high impedance, etc.)
5.6
Unused I/Os and features
All microcontrollers are designed for a variety of applications and often a particular
application does not use 100% of the MCU resources.
To increase EMC performance, unused clocks, counters or I/Os, should not be left free, e.g.
I/Os should be set to “0” or “1”(pull-up or pull-down to the unused I/O pins.) and unused
features should be “frozen” or disabled.
Via to VSS
Via to VDD
Cap.
VDD VSS
STM32F10xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com