Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2645 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 19Page - STMicroelectronics AN2645 Datasheet HTML 20Page - STMicroelectronics AN2645 Datasheet HTML 21Page - STMicroelectronics AN2645 Datasheet HTML 22Page - STMicroelectronics AN2645 Datasheet HTML 23Page - STMicroelectronics AN2645 Datasheet HTML 24Page - STMicroelectronics AN2645 Datasheet HTML 25Page - STMicroelectronics AN2645 Datasheet HTML 26Page - STMicroelectronics AN2645 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AN2645
Block-by-block compatibility analysis
23/36
3.2
Digital I/O
This section describes the different aspects of compatibility related to digital I/Os:
GPIO ports
High-sink capability
External interrupts
More information related to digital I/O can be found in section 3.3: Timers.
3.2.1
GPIO
The basic GPIO structure consists of nine ports named from PA to PI with a maximum
number of 68 GPIO pins in the 80-pin package (refer to Table 18). When migrating to
packages with lower pin-count, the number of GPIO pins is reduced in consequence.
STM8S103K and STM8S903K have three additional GPIO pins compared to other sub-
families with the same 32-pin package. This is because they have I/Os instead of VDDIO,
VDDA and VSSA.
Table 18.
Total number of GPIOs in each package
I/O
port
Package size
LQFP80
(xxxM)
LQFP64
(xxxR)
LQFP48
(xxxC)
LQFP44
(xxxS)
LQFP32
(xxxK)(1)
1.
Except STM8S103x and STM8S903x sub-families
LQFP32
(STM8S103
&
STM8S903)
LQFP20
(xxxF)
PA
6
6652
3
3
PB
8
8886
8
2
PC
8
7767
7
5
PD
8
8888
8
6
PE
8
8751
1
PF
66
1
1
PG
8
822
PH
8
PI
81
Total
68
523834
25
28
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com