Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2645 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics AN2645 Datasheet HTML 32Page - STMicroelectronics AN2645 Datasheet HTML 33Page - STMicroelectronics AN2645 Datasheet HTML 34Page - STMicroelectronics AN2645 Datasheet HTML 35Page - STMicroelectronics AN2645 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Block-by-block compatibility analysis
AN2645
32/36
3.7.3
BootROM memory
The BootROM memory, containing the bootloader code, is present in the STM8S20xx and
STM8S105x sub-families. It is not present in the STM8S103x sub-family. The BootROM size
is 2KB and its start address is always 0x6000.
3.7.4
RAM memory
The RAM memory always starts from address 0. The first 256 bytes make up the zero page.
3.7.5
Stack
The space for the stack is always located at the end of the SRAM memory. So its position in
the address space varies depending on the SRAM memory size. The stack pointer value is
initialized to the upper address at reset and it is decremented each time a byte is pushed in.
The stack size is 1024 bytes in Performance line devices and 512 bytes in other STM8S
Table 27.
Data EEPROM memory size in bytes for each sub-family/Flash size
Sub-family
Flash Program memory size (bytes)
128K
64K
32K
16K
8K
4K
STM8S208x
2048
STM8S207x
2048
1536
1024
STM8S105x
1024
1024
STM8S103x
640(1)
1.
No read-while-write (RWW) capability
640(1)
STM8S903x
640(1)
Table 28.
Data EEPROM memory granularity in each sub-family
Sub-family
Number of pages
Page size [bytes]
Blocks per page
Block size [bytes]
STM8S20xx
up to 4
512
4
128
STM8S105x
up to 2
512
4
128
STM8S103x
10
64
1
64
STM8S903x
10
64
1
64
Table 29.
RAM memory size (bytes) for each sub-family/Flash size
Sub-family
Flash Program memory size (bytes)
128K
64K
32K
16K
8K
4K
STM8S208x
6K
STM8S207x
6K
4K
2K
STM8S105x
2K
2K
STM8S103x
1K
1K
STM8S903x
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com