Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2645 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics AN2645 Datasheet HTML 32Page - STMicroelectronics AN2645 Datasheet HTML 33Page - STMicroelectronics AN2645 Datasheet HTML 34Page - STMicroelectronics AN2645 Datasheet HTML 35Page - STMicroelectronics AN2645 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AN2645
Block-by-block compatibility analysis
33/36
devices. So both the stack pointer initialization value and the stack length is product
dependent.
3.7.6
GPIO and peripheral registers
The space for the GPIO and peripheral registers is mapped in the memory area between
addresses 0x5000 and 0x57FF. The register block start addresses for each peripheral are
the same across in all sub-families. The names of the registers are the same but their
position in the register structure differs slightly in some sub-families. That's why you can use
the same drivers by referring to the register names, but you must be careful to include the
correct library map file into your project and replace this file by the proper one if you are
migrating to another family member.
3.7.7
Interrupt mapping
The interrupt vector mapping is compatible for all the sub-families except STM8S103x and
STM8S903x. These sub-families have an added vector for the external interrupt from the
GPIO PF4 pin. The PF4 pin is present only in the 32-pin device. This vector is mapped in the
same location as the CAN Rx interrupt which is not used in this sub-family. TIM5 and TIM2
share the same interrupt vector, as do TIM6 and TIM4, UART2 and UART3, ADC1 and
ADC2. Refer to Table 30.
Table 30.
Interrupt vector table differences
Priority
Source
block
Interrupt
vector
address
STM8S208x
STM8S207x
STM8S105x
STM8S103x
STM8S903x
8
CAN
0x8028
CAN Rx interrupts Reserved
Reserved
Port F external
interrupts
9
CAN
0x802C
CAN TX/ER/SC
interrupts
Reserved
Reserved
Reserved
13
TIM2/TIM5
0x803C
TIM2
Update/Overflow
TIM2
Update/Overflow
TIM2
Update/Overflow
TIM5
Update/Overflow/
Trigger
14
TIM2/TIM5
0x8040
TIM2
Capture/Compare
TIM2
Capture/Compare
TIM2
Update/Overflow
TIM5
Capture/Compare
15
TIM3
0x8044
TIM3
Update/Overflow
TIM3
Update/Overflow
Reserved
Reserved
16
TIM3
0x8048
TIM3
Capture/Compare
TIM3
Capture/Compare
Reserved
Reserved
17
UART1
0x804C
UART1 Transmit
interrupts
Reserved
UART1 Transmit
interrupts
UART1 Transmit
interrupts
18
UART1
0x8050
UART1 Receive
Interrupts
Reserved
UART1 Receive
Interrupts
UART1 Receive
Interrupts
20
UART2/
UART3
0x8058
UART3 Transmit
interrupts
UART2 Transmit
interrupts
Reserved
Reserved
21
UART2/
UART3
0x805C
UART3 Receive
Interrupts
UART2 Receive
Interrupts
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com