Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2645 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 26Page - STMicroelectronics AN2645 Datasheet HTML 27Page - STMicroelectronics AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics AN2645 Datasheet HTML 32Page - STMicroelectronics AN2645 Datasheet HTML 33Page - STMicroelectronics AN2645 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Block-by-block compatibility analysis
AN2645
30/36
3.6
Clock controller
The clock controller is broadly compatible across the whole STM8S family range. There are
some small differences which concern the maximum frequency of the high speed external
clock (HSE clock) and the calibration and trimming of the high speed internal clock
frequency (HSI clock).
3.6.1
HSE clock frequency
Depending on the STM8S family, there is a difference in the maximum speed of the HSE
external oscillator clock.
●
In STM8S Performance line, the HSE clock can be used at up to 24 MHz.
●
In STM8S Access line, the HSE clock is limited to 16 MHz.
If the core runs at a frequency higher than 16 MHz one wait state must be inserted for
reading the Flash/EEPROM memory. This is configured by an option byte setting.
The stabilization delay for the HSE oscillator can be configured by the Option byte setting.
The Performance line family supports double the delay duration of the Access line family.
3.6.2
HSI clock frequency
In all STM8S sub-families, the HSI internal oscillator is factory calibrated in intervals of
+/-2% of the range 5/25°C. This value can be trimmed by the user within an interval of
+3/-4% of the range in eight steps using 3 trimming register bits. This permits calibration in
steps of about 1% of the range.
In addition, in access line products only, it is optionally possible to trim the HSI in the same
interval but in 16 steps using 4 calibration bits. This allows you to trim the frequency more
finely, in steps of about 0.5% of the range.
3.7
Memory
3.7.1
Flash program memory
The Flash program memory organization differs slightly in each sub-family. There are three
different Flash densities:
●
High density in the STM8S208x and STM8S207x sub-families
●
Medium density in the STM8S105x subfamily
●
Low density in the STM8S103x and STM8S903x sub-families
The memory is organized in pages:
●
High density and medium density Flash memory are organized in up to 256 pages of
512 bytes each. Each page is divided into 4 blocks of 128 bytes each. A block is the
maximum amount of memory that can be programmed in a single programming cycle.
●
Low density Flash memory is organized in up to 128 pages of 64 bytes. A page
consists of a single block of 64 bytes.
The page size defines the granularity of the User Boot Code area. Refer to the STM8S
datasheets for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com