Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2674 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2674
Description  PCB layout guidelines for SPEAr3xx
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2674 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2674 Datasheet HTML 7Page - STMicroelectronics AN2674 Datasheet HTML 8Page - STMicroelectronics AN2674 Datasheet HTML 9Page - STMicroelectronics AN2674 Datasheet HTML 10Page - STMicroelectronics AN2674 Datasheet HTML 11Page - STMicroelectronics AN2674 Datasheet HTML 12Page - STMicroelectronics AN2674 Datasheet HTML 13Page - STMicroelectronics AN2674 Datasheet HTML 14Page - STMicroelectronics AN2674 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2674
DDR memory interface
Doc ID 14204 Rev 2
11/22
2.5
Return path integrity
A continuous path for return current must exist for all DRAM signals. If not, signal delays,
significant crosstalk, and timing violations may likely result.
Signal layer changes: The preferred location for layer change vias are near the signal ball
under the device, either DRAM or SPEAr, enabling a signal return path through the device
ground vias and decoupling capacitors.
If layer changes through a via to a different reference plane are necessary away from the
devices, the layer transitions should have a nearby path for return current. If both layers are
ground, a ground via should be placed less than 1 mm from the signal via. Sharing return
current vias should be avoided. Each signal via should have its own nearby return via
(ground via). If multiple signals change layers in close proximity, each signal via should have
its own return current via. So, signal vias (and their return current vias) should be separated
from other signal vias with a stagger pattern. If routing density prevents a stagger pattern,
add as many ground vias as possible among the signal vias.
2.6
Clock routing
The clock differential signals should be routed with a pair of matched length symmetrical
traces with 110 Ohm differential impedance. The preferred clock routing layer is the top layer
with no layer transitions. The termination layout should be symmetrical, without stubs, and
located as close as possible to the clock balls on the DRAM. Three termination topologies
are shown in Figure 3. Termination resistors and decoupling capacitors should be placed in
a tight orientation to minimize trace lengths. Termination components should not share vias.
The decoupling capacitor should have a via to ground placed against the side of its ground
land. Figure 3 shows three clock termination topology options. The middle topology provides
the best tradeoff between part count and common mode rejection.
Figure 3.
Clock termination topology options
2.7
Vref routing
An accurate and quiet Vref should be provided to both the DRAM and the controller. A noisy
Vref effectively introduces jitter because of this it can be a significant source of jitter-caused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com