Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2674 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2674
Description  PCB layout guidelines for SPEAr3xx
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2674 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2674 Datasheet HTML 10Page - STMicroelectronics AN2674 Datasheet HTML 11Page - STMicroelectronics AN2674 Datasheet HTML 12Page - STMicroelectronics AN2674 Datasheet HTML 13Page - STMicroelectronics AN2674 Datasheet HTML 14Page - STMicroelectronics AN2674 Datasheet HTML 15Page - STMicroelectronics AN2674 Datasheet HTML 16Page - STMicroelectronics AN2674 Datasheet HTML 17Page - STMicroelectronics AN2674 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
USB interface
AN2674
14/22
Doc ID 14204 Rev 2
3.2
USB decoupling and reference resistor
Decoupling capacitors should be placed as close as possible to the power balls, preferably
directly under the power balls using short wide connecting traces. Placing decoupling
capacitors at a distance degrades the performance, which can result in interoperability
problems and compliance violations with the specifications.
Figure 5.
Example of USB decoupling capacitor bottom mounted layout
Legend:
Blue: top layer of PCB
Orange: bottom layer of PCB
Cyan traces: USB data pairs.
Table 4.
USB power, ground, and reference guidelines
Pin
Guideline
*VSS*
Connect all VSS pins directly to the internal PCB ground plane
*VDD*
Connect all VDD pins to 100 nF capacitors under the ball using a short wide
trace
USB_RREF
External reference resistor (43.2 ohm). Connect resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com