Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2674 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2674
Description  PCB layout guidelines for SPEAr3xx
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2674 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2674 Datasheet HTML 9Page - STMicroelectronics AN2674 Datasheet HTML 10Page - STMicroelectronics AN2674 Datasheet HTML 11Page - STMicroelectronics AN2674 Datasheet HTML 12Page - STMicroelectronics AN2674 Datasheet HTML 13Page - STMicroelectronics AN2674 Datasheet HTML 14Page - STMicroelectronics AN2674 Datasheet HTML 15Page - STMicroelectronics AN2674 Datasheet HTML 16Page - STMicroelectronics AN2674 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2674
USB interface
Doc ID 14204 Rev 2
13/22
3
USB interface
3.1
USB routing
USB signal trace routing should follow good high speed PCB rules and meet the
specifications for differential impedance and maximum trace delay between connector and
the SPEAr3xx device.
●
USB data traces should be routed with the shortest most direct path possible to their
connectors.
●
USB data traces should have no resistors or magnetic components.
●
USB data traces should be routed only over ground planes.
●
USB data traces should never cross gaps or breaks in the return plane.
●
USB data traces should never be routed under other devices or between the pins of
other devices.
●
USB data vias should be widely separated from other signal vias.
●
If USB data traces transition layers to a different return plane, then ground vias for the
return current should be placed very close to the signal vias.
Figure 4.
Cross section of PCB showing minimum spacing dimensions for USB
signal traces
Table 3.
USB signal routing constraints
Symbol
Description
Min
Typ
Max
Units
ZODiff
Differential impedance(1)
1.
Trace delay between SPEAr and USB connector (Universal Serial Bus Specification, Revision 2.0)
81
90
99
Ω
td_Dev
Trace delay of device port(1)
1.0
ns
td_Host
Trace delay of host port(1)
3.0
ns
td_match
Trace length mismatch
0.15/3.8
inch/mm
Number or length of stubs
0
Number of via transitions
1
Space to adjacent signal traces(2)
2.
This includes other USB data trace pairs.
3h(3)
3.
The unit 'h' is the thickness of the dielectric separating the trace from the nearest plane.
Space to adjacent area fill(4)
4.
Do not use "guard" traces or ground flood/fill adjacent to high speed signal traces.
3h(3)
Space to edge of return plane
20
h(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com