Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2674 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2674
Description  PCB layout guidelines for SPEAr3xx
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2674 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2674 Datasheet HTML 8Page - STMicroelectronics AN2674 Datasheet HTML 9Page - STMicroelectronics AN2674 Datasheet HTML 10Page - STMicroelectronics AN2674 Datasheet HTML 11Page - STMicroelectronics AN2674 Datasheet HTML 12Page - STMicroelectronics AN2674 Datasheet HTML 13Page - STMicroelectronics AN2674 Datasheet HTML 14Page - STMicroelectronics AN2674 Datasheet HTML 15Page - STMicroelectronics AN2674 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DDR memory interface
AN2674
12/22
Doc ID 14204 Rev 2
timing errors. Vref is generated by a precision voltage divider. Recommended: use 0.1%
tolerance resistors. A decoupling capacitor should be placed very close (within 1 mm) to the
Vref balls. Use good capacitor layout technique. The voltage divider resistors should be
placed close to the DRAM device to minimize trace length, but not so they interfere with
other critical signal or power routing. The Vref trace should not be routed near noisy traces
or planes. Do not place a decoupling capacitor at the junction of the resistors - only at the
Vref balls. If the Vref trace length must be long, the divider resistor value should be close to
2x the characteristic impedance of the Vref trace; 150 ohms should work well without
consuming too much power. If a long trace and/or noise coupling results between the DRAM
and controller, then it is preferable to generate a separate Vref for the DRAM and controller.
2.8
Observability
It is important to be able to observe important signals for system validation, timing, signal
quality, and debugging. Place test points on any signals or set of signals that may be needed
for these purposes. Always provide a ground via nearby any test points (<4mm) for the
probe ground. Only very small test point pads can be used, preferably just a signal via. Or if
there is insufficient space, simply a window in the solder mask over a trace can serve the
purpose. Do not create test point structures that may significantly degrade signal quality, for
example, large test points, stubs, etc.
Test points should be located at both ends of the trace (two test points per signal), as close
to the device balls as practical (a via next to the ball is preferable, untented on the bottom). It
is especially important to be able to observe signals at both the driving and receiving ends
of a trace in high-speed interfaces to validate timing parameters, and quantify driver
behavior and reflections. Observing a signal at only one end may hide important features
that are evident at the other end, even with very short traces as is the case in a point-to-
point DDR interface.
In a DDR memory interface the routing and component density is too high to add test points
on all signals. A subset of DDR signals with test points is a good compromise. Test points for
the following DDR signals should be included in all designs:
●
CLK/nCLK
●
DQS/nDQS (all data lanes)
●
DQ (Select a small number of signals that are representative of best and worst signal
paths, at least two DQ signals.)
●
Address and Command (Select subset of signals that are of interest and that are
representative of best and worst signal paths.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com