Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1541 Datasheet HTML 4Page - Linear Technology LTC1541 Datasheet HTML 5Page - Linear Technology LTC1541 Datasheet HTML 6Page - Linear Technology LTC1541 Datasheet HTML 7Page - Linear Technology LTC1541 Datasheet HTML 8Page - Linear Technology LTC1541 Datasheet HTML 9Page - Linear Technology LTC1541 Datasheet HTML 10Page - Linear Technology LTC1541 Datasheet HTML 11Page - Linear Technology LTC1541 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1541/LTC1542
15412fd
CAPACITOR VALUE (
µF)
0.001
0.1
10
1000
0.01
0.1
10
1
1541/42 F02
1
100
Figure 2. Damping Resistance vs Bypass Capacitor Value
8
7
4
LTC1541
1541/42 F03a
6 REF
5
COMPIN+
COMPOUT
VCC
VSS
R1
430
Ω
C1
1
µF
×1
+
–
5V TO 8V
COMP
Figure 3a. Reference Transient Response Test Circuit
7.5
Ω
10W
DALE
HLM-10
12V
5AHR
GEL CELL
4
8
+
–
1
1/2
LTC1541
3
2
7
5
6
1541/42 TA06
+
–
1/2
LTC1541
1M
VN2222
Si9405
1M
3.65M
1A
SOLAR
ARRAY
6.8V
ZENER
1N754
340k
TIP121
8M
2A
FUSE
1M
VREF = 1.2V
(INTERNAL)
LOAD
Shunt Battery Charger with Low-Battery Load Disconnect
1541/42 F04
R2
2pF TO 10pF
–
+
OP AMP
AMPIN+
AMPOUT
R1
Figure 4. Compensation for Feedback Node Capacitance
8V
5V
VREF
OUT
V +
2ms/DIV
LTC1541 • F03b
Figure 3b. Reference and Comparator Output Transient Response
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com