Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 4 Page - Linear Technology

  LTC1541 Datasheet HTML 1Page - Linear Technology LTC1541 Datasheet HTML 2Page - Linear Technology LTC1541 Datasheet HTML 3Page - Linear Technology LTC1541 Datasheet HTML 4Page - Linear Technology LTC1541 Datasheet HTML 5Page - Linear Technology LTC1541 Datasheet HTML 6Page - Linear Technology LTC1541 Datasheet HTML 7Page - Linear Technology LTC1541 Datasheet HTML 8Page - Linear Technology LTC1541 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1541/LTC1542
15412fd
IB
Input Bias Current
VCM = 2.5V
0.01
1
nA
AVOL
Large-Signal Gain
AMPOUT = 0.5V to 4.5V, No Load
80
1000
V/mV
AMPOUT = 0.5V to 4.5V, RLOAD = 100k
60
500
V/mV
Commercial Grade
38
V/mV
Industrial Grade
35
V/mV
GBW
Gain Bandwidth
AV = 1V/V
12
kHz
SR
Slew Rate
AV = 1V/V
8
V/ms
VCM
Input Common Mode Range
VSS
VCC – 1.3V
V
CMRR
Common Mode Rejection Ratio
VCM = VSS to (VCC – 1.3V)
0.5
mV/V
Commercial Grade
0.6
mV/V
Industrial Grade
0.6
mV/V
PSRR
Power Supply Rejection Ratio
VCC = 3V to 12V
0.19
mV/V
Commercial Grade
0.21
mV/V
Industrial Grade
0.23
mV/V
VOH
Output High Voltage
RLOAD = 100k to VSS
VCC – 0.07
V
Commercial Grade
VCC – 0.10
V
Industrial Grade
VCC – 0.12
V
VOL
Output Low Voltage
RLOAD = 100k to VCC
VSS + 0.05
V
Commercial Grade
VSS + 0.10
V
Industrial Grade
VSS + 0.12
V
ISOURCE
Output Source Current
0.9
1.8
mA
0.7
mA
ISINK
Output Sink Current
1.3
1.8
mA
0.9
mA
en
Input Noise Voltage
fO = 0.1Hz to 10Hz
3
µVP-P
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VSS = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 3V, VSS = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Supply Voltage Range
2.5
12.6
V
ICC
Supply Current (Note 2)
4.5
9.5
µA
Commercial Grade
15
µA
Industrial Grade
16
µA
Comparator
VOS
Input Offset Voltage (Note 3)
(SO-8)
1.0
mV
Commercial Grade (SO-8)
1.5
mV
Industrial Grade (SO-8)
2.0
mV
(MSOP)(DFN)
1.2
mV
Commercial Grade (MSOP)(DFN)
2.0
mV
Industrial Grade (MSOP)(DFN)
2.5
mV
VTRIP
Trip Point (Note 4)
1.80
2.35
2.90
mV
1.00
3.90
mV
IIN
Input Leakage Current (Note 5)
0.01
1
nA
VCM
Input Common Mode Range
VSS
VCC – 1.3
V
CMRR
Common Mode Rejection Ratio
VCM = VSS to (VCC – 1.3V) (LTC1542)
0.8
mV/V
Commercial Grade
0.9
mV/V
Industrial Grade
1.0
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com