Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 2 Page - Linear Technology

  LTC1541 Datasheet HTML 1Page - Linear Technology LTC1541 Datasheet HTML 2Page - Linear Technology LTC1541 Datasheet HTML 3Page - Linear Technology LTC1541 Datasheet HTML 4Page - Linear Technology LTC1541 Datasheet HTML 5Page - Linear Technology LTC1541 Datasheet HTML 6Page - Linear Technology LTC1541 Datasheet HTML 7Page - Linear Technology LTC1541 Datasheet HTML 8Page - Linear Technology LTC1541 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1541/LTC1542
15412fd
Supply Voltage ........................................................ 13V
Input Voltage .............................................– 0.3V to 13V
Output Voltage ...........................................– 0.3V to 13V
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
(DD Package) ................................... – 65
°C to 125°C
Operating Temperature Range (Note 7) .. – 40
°C to 85°C
Specified Temperature Range (Note 8) ... – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS (Note 1)
PACKAGE/ORDER I FOR ATIO
S8
PART MARKING
1542
1542I
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*Temperature grades are identified by a label on the shipping container.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
1
2
3
4
AMPOUT
AMPIN
AMPIN+
VSS
8
7
6
5
VCC
COMPOUT
REF
COMPIN +
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
AMPOUT
AMPIN
AMPIN+
VSS
VCC
COMPOUT
REF
COMPIN+
TJMAX = 125°C, θJA = 160°C/W (NOTE 6)
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
COMPOUT
REF
COMPIN+
AMPOUT
AMPIN
AMPIN+
VSS
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W
LTC1541CS8
LTC1541IS8
ORDER PART
NUMBER
MS8
PART MARKING
ORDER PART
NUMBER
1541
1541I
LTC1541CMS8
LTC1541IMS8
LTBE
LTADW
ORDER PART
NUMBER
LTC1541CDD
LTC1541IDD
DD
PART MARKING*
LAAT
S8
PART MARKING
ORDER PART
NUMBER
MS8
PART MARKING
ORDER PART
NUMBER
ORDER PART
NUMBER
DD
PART MARKING*
TJMAX = 125°C, θJA = 160°C/W (NOTE 6)
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
AMPOUT
AMPIN
AMPIN+
VSS
VCC
COMPOUT
COMPIN
COMPIN+
1
2
3
4
AMPOUT
AMPIN
AMPIN+
VSS
8
7
6
5
VCC
COMPOUT
COMPIN
COMPIN +
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
LTC1542CS8
LTC1542IS8
LTC1542CMS8
LTC1542IMS8
LTDE
LTADX
LTC1542CDD
LTC1542IDD
LAAU
1
2
3
4
8
7
6
5
TOP VIEW
VCC
COMPOUT
COMPIN
COMPIN+
AMPOUT
AMPIN
AMPIN+
VSS
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com