Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 3 Page - Linear Technology

  LTC1541 Datasheet HTML 1Page - Linear Technology LTC1541 Datasheet HTML 2Page - Linear Technology LTC1541 Datasheet HTML 3Page - Linear Technology LTC1541 Datasheet HTML 4Page - Linear Technology LTC1541 Datasheet HTML 5Page - Linear Technology LTC1541 Datasheet HTML 6Page - Linear Technology LTC1541 Datasheet HTML 7Page - Linear Technology LTC1541 Datasheet HTML 8Page - Linear Technology LTC1541 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1541/LTC1542
15412fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VSS = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Power Supply
VCC
Supply Voltage Range
2.5
12.6
V
ICC
Supply Current (Note 2)
510
µA
Commercial Grade
16
µA
Industrial Grade
17
µA
Comparator
VOS
Input Offset Voltage (Note 3)
(SO-8)
1mV
Commercial Grade (SO-8)
1.5
mV
Industrial Grade (SO-8)
2.0
mV
(MSOP)(DFN)
1.2
mV
Commercial Grade (MSOP)(DFN)
2.0
mV
Industrial Grade (MSOP)(DFN)
2.5
mV
VTRIP
Trip Point (Note 4)
1.7
2.25
2.8
mV
1
3.8
mV
IIN
Input Leakage Current (Note 5)
0.01
1
nA
VCM
Input Common Mode Range
VSS
VCC – 1.3V
V
CMRR
Common Mode Rejection Ratio
VCM = VSS to (VCC – 1.3V) (LTC1542)
0.7
mV/V
Commercial Grade
0.8
mV/V
Industrial Grade
0.9
mV/V
PSRR
Power Supply Rejection Ratio
VCC = 3V to 12V
0.25
mV/V
Commercial Grade (SO-8)
0.30
mV/V
Industrial Grade (SO-8)
0.35
mV/V
tPD
Propagation Delay
Overdrive = 10mV
20
µs
Overdrive = 100mV
8
µs
VOH
Output High Voltage
IOUT = – 2mA
VCC – 0.2V
V
VOL
Output Low Voltage
IOUT = 1.8mA
VSS + 0.3V
V
Reference (LTC1541 Only)
VREF
Reference Voltage
No Load (SO-8)
1.195
1.200
1.205
V
Commercial Grade (SO-8)
1.190
1.210
V
Industrial Grade (SO-8)
1.188
1.212
V
No Load (MSOP)
1.190
1.200
1.210
V
Commercial Grade (MSOP)
1.185
1.215
V
Industrial Grade (MSOP)
1.183
1.217
V
No Load (DFN)
1.185
1.200
1.215
V
Commercial Grade (DFN)
1.180
1.220
V
Industrial Grade (DFN)
1.178
1.222
V
∆VREF
Load Regulation
ISOURCE = 2mA
26
mV
ISINK = 10µA
0.2
1.5
mV
5mV
en
Voltage Noise
0.1Hz to 10Hz
16
µVP-P
Op Amp
VOS
Input Offset Voltage
VCM = 2.5V (SO-8)
0.7
mV
Commercial Grade (SO-8)
1.25
mV
Industrial Grade (SO-8)
1.65
mV
VCM = 2.5V (MSOP) (DFN)
1.00
mV
Commercial Grade (MSOP) (DFN)
1.75
mV
Industrial Grade (MSOP) (DFN)
2.0
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com