Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2945 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 7Page - STMicroelectronics AN2945 Datasheet HTML 8Page - STMicroelectronics AN2945 Datasheet HTML 9Page - STMicroelectronics AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2945
System features
Doc ID 15468
11/18
3.2
Clock
From the clock system standpoint, the two products have three main clock sources in
common, that share similar electrical characteristics. See Table 5 for details.
The oscillator handles both the crystal and resonators, and is called the HSE (for high-
speed external). It can also be bypassed to feed the MCU with an external clock. This is
used for applications that have stringent requirements in terms of accuracy and stability, for
communication purposes for instance.
An application can run at a high frequency without an external crystal by using the HSI clock
(for high-speed internal). This source has a consumption 10 times lower than the HSE and a
very low percentage of accuracy error. It can also be used as a PLL input on the STM32 to
increase the internal frequency to up to 64 MHz.
Finally, the low-speed internal clock (LSI) is an ultralow internal power source (a few µA),
that can be permanently enabled to clock an auto-wakeup peripheral during the Halt or Stop
mode. It can also clock a secondary on-board watchdog (refer to Section 3.4: Safety for
further details), and be used as the CPU clock on the STM8 products. It is not accurate
(error of a few tens of percents), but it can be measured periodically using the precise HSI
clock to compensate for chip manufacturing variations or the drift due to temperature for
instance.
3.3
Memory
Both product lines are based on non-volatile memories and have an option byte loader. This
mechanism replaces the legacy fuses for MCU power-up configuration: the user can select
several options at programming time, which are written alongside the program binary image.
Several features are available on all news microcontrollers:
●
Reset in Halt, Stop or Standby mode: this is to avoid a deadlock situation in case the
MCU enters a low power mode by accident, for applications not designed to handle
such a configuration
●
Hardware/Software watchdog, to have the possibility of starting the watchdog by
hardware, right after the reset sequence
●
Memory readout protection, to prevent any piracy on the program content
●
Memory write protection, to protect part of the memory, if it contains a critical code.
Usually, this applies to the boot code or an IAP (in application programming) driver
Table 5.
STM8S/STM32 clock source characteristics (indicative data(1))
1.
Refer to product datasheet for detailed electrical characteristics.
System clock source
Frequency
Accuracy error
Consumption
STM8S
STM32
High-speed external (HSE)
1-24 MHz
4-16 MHz
Crystal dependent,
down to a few tens of
ppm
1 to 2 mA
High-speed internal (HSI)
16 MHz
8 MHz
1% typical
100 to 250 µA
Low-speed internal
110-146 kHz
30-60 kHz
20 to 50%
1 to 5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com