Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2945 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 8Page - STMicroelectronics AN2945 Datasheet HTML 9Page - STMicroelectronics AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics AN2945 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
System features
AN2945
12/18
Doc ID 15468
These options allow automatically enabled safety and robustness features, so that the
application can recover even if a disturbance or an attack occurs before the very first
instruction is fetched by the CPU.
The STM8S and STM32 devices have an embedded boot loader, making it possible
reprogram the internal Flash memory with an on-board serial interface (the UART for
instance). Any PC with a serial COM interface can then be used as a programming tool to
program or update the Flash and data EEPROM memory content. ST provides a software
utility to perform all operations supported by the boot loader.
3.4
Safety
The automotive industry first pushed for increasing the reliability of MCU-based electronic
controls. This has been followed by similar requests from the industrial segments, and
household appliances now have to comply with a specific standard, IEC60335-1. Both the
STM32 and STM8S devices are Class B compliant according to this standard. Compliance
is obtained by using dedicated self-test libraries certified by an independent test institute,
and also with the help of some specific hardware circuitry. Both the software and hardware
contribute to significantly reduce the development and qualification time of applications with
stringent functional safety requirements.
●
Watchdogs
The MCUs embed two watchdogs:
–
The Window Watchdog is intended to monitor the main loop and check that loop
time is within a given time frame. It runs on the system clock.
–
In parallel, an independent watchdog can be activated to increase the system’s
robustness This watchdog will indeed continue to operate even in the case of a
main clock failure (for instance due to a broken crystal).
●
Clock monitoring
The standard also requires the detection of crystal failure or oscillations at harmonics/
subharmonics. This is achieved using the clock system described in Section 3.2: Clock,
to periodically measure the external crystal or resonator frequency with the internal
clock source. Finally, a clock security system (CSS) also monitors the HSE source and
automatically switches back the system clock to the internal HSI clock in case of a
failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com